Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL3163BT Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MSL3163BT
Description  16-string White & RGB LED Drivers with Adaptive Power Control, E짼PROM, and SPI/I짼C/SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3163BT Datasheet(HTML) 3 Page - ATMEL Corporation

  MSL3163BT Datasheet HTML 1Page - ATMEL Corporation MSL3163BT Datasheet HTML 2Page - ATMEL Corporation MSL3163BT Datasheet HTML 3Page - ATMEL Corporation MSL3163BT Datasheet HTML 4Page - ATMEL Corporation MSL3163BT Datasheet HTML 5Page - ATMEL Corporation MSL3163BT Datasheet HTML 6Page - ATMEL Corporation MSL3163BT Datasheet HTML 7Page - ATMEL Corporation MSL3163BT Datasheet HTML 8Page - ATMEL Corporation MSL3163BT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Atmel LED Drivers-MSL3163/MSL3164
Atmel LED Drivers-MSL3163 and MSL3164
Atmel LED Drivers-MSL3163 and MSL3164
16-string White & RGB LED Drivers with Adaptive Power
Control, E²PROM, and SPI/I²C/SMBus Serial Interface
Key Features
Application Circuit
12-bit PWM String Dimming Operates at 240Hz
Fast Serial Interfaces Support up to 16 Devices
per Bus:
- MSL3164 20 MHz SPI
- MSL3163 1 MHz I2C
8-bit Adaptive Power Correction Maximizes
Efficiency of up to Three String Power Supplies
Drives 16 Parallel LED Strings of 10 White LEDs
Each for up to 2560 White LEDs per Serial Bus
Supports Adaptive, Real-time Area Dimming for
Highest Dynamic Range LCD TVs and Monitors
Programmable String Phase Reduces Motion Blur
Global Intensity Control via Serial Interface
100mA Peak, 60mA Average LED String Current
Single Resistor Sets Peak Current for all LED Strings
±3% Current Accuracy and Current Balance
Video Frame (VSYNC) and Line (HSYNC) Sync
Inputs
Sync Loss Detectors Optionally Disable LED Strings
Multiple MSL3163/4s Share String Power
Supplies and Automatically Negotiate the
Optimum Supply Voltage
E²PROM Allows Customized Power-On Defaults
Less Than 1µA LED String Off-Leakage Current
String Open Circuit and LED Short Circuit Fault
Detection
Individual Fault Detection Enable for Each String
Over-temperature Shutoff Protection
Broadcast Write Simplifies Configuration
-40°C To +85°C Operating Temperature Range


Similar Part No. - MSL3163BT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3082 ATMEL-MSL3082 Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3085 ATMEL-MSL3085 Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
More results

Similar Description - MSL3163BT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
STMicroelectronics
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
   High power white LED driver with I짼C interface
July 2010 Rev 4
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
   High power white LED driver with I짼C interface
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
   High power white LED SuperCap??driver with I짼C interface
STCF04 STMICROELECTRONICS-STCF04 Datasheet
1Mb / 43P
   High power white LED SuperCap??driver with I짼C interface
September 2012 Rev 3
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
logo
STMicroelectronics
STCF06 STMICROELECTRONICS-STCF06 Datasheet
405Kb / 33P
   1.5 A white LED driver with I짼C interface
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com