Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL1064AW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # MSL1064AW
Description  6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL1064AW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button MSL1064AW Datasheet HTML 4Page - ATMEL Corporation MSL1064AW Datasheet HTML 5Page - ATMEL Corporation MSL1064AW Datasheet HTML 6Page - ATMEL Corporation MSL1064AW Datasheet HTML 7Page - ATMEL Corporation MSL1064AW Datasheet HTML 8Page - ATMEL Corporation MSL1064AW Datasheet HTML 9Page - ATMEL Corporation MSL1064AW Datasheet HTML 10Page - ATMEL Corporation MSL1064AW Datasheet HTML 11Page - ATMEL Corporation MSL1064AW Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Atmel LED Drivers-MSL1061/MSL1064
PIN NAME
MSL1061
MSL1064
PIN DESCRIPTION
VCC
1
1
6V internal linear regulator output
VCC powers the internal power FET switch driver.
Bypass VCC to GND either with a 10µF or greater ceramic capacitor, or with a 10µF or
greater tantalum capacitor in parallel with a 1µF ceramic capacitor.
If the voltage at VIN is less than 6.5V, connect VCC directly to VIN to bypass the internal
linear regulator, and power the driver directly from VIN
VDD
2
2
2.9V internal linear regulator output
VDD powers internal logic. Bypass VDD to GND with at least a 4.7µF ceramic capacitor
TEST1
3
3
Factory test connection.
Leave unconnected
TEST2
4
4
Factory test connection.
Connect to GND
SDA
5
5
I²C serial data I/O
SDA is the data I/O for the I²C serial interface
SCL
6
6
I²C serial clock input
SCL is the clock input for the I²C serial interface
AD0
7
-
I²C slave ID selection input
For MSL1061, connect AD0 to GND, VDD, SCL, or SDA to set the I²C slave ID to 0x60,
0x61, 0x62, or 0x63. The MSL1064 I²C slave ID is fixed at 0x62, and is not user-selectable
PWM
8
7
PWM control input
Drive PWM with a PWM signal up to 40kHz to pulse-width-modulate the LED current
FLTB
9
8
Fault indication output (active low)
FLTB sinks current to GND whenever the MSL1061/64 detects a fault.
Once a fault is detected, FLTB remains low until EN is toggled low/high, input power is
cycled off/on, or the fault status is reset through the I²C interface.
OSC
10
9
Oscillator control input
Connect a 115kΩ, 1% resistor from OSC to GND to set the internal oscillator frequency
to 11MHz and the boost regulator switching frequency to 1.1MHz
TEST3
11
-
Factory test connection with internal 1.8kΩ pull-up to VDD.
Leave unconnected
ILED
12
10
Maximum LED current control input
Connect a resistor from ILED to GND to set the full-scale LED string current.
For example, connect a 100kΩ resistor to GND to set a 20mA sink current through
each LED string
Pin Descriptions
Table 3. Pin Assignments


Similar Part No. - MSL1064AW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL1060 ATMEL-MSL1060 Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
More results

Similar Description - MSL1064AW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Microsemi Corporation
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
Texas Instruments
TPS92660 TI1-TPS92660_16 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com