Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL2100BR Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MSL2100BR
Description  8-string, High-power, White or RGB LED Drivers for TVs, Monitors, or Intelligent Solid-state Lighting
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2100BR Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MSL2100BR Datasheet HTML 2Page - ATMEL Corporation MSL2100BR Datasheet HTML 3Page - ATMEL Corporation MSL2100BR Datasheet HTML 4Page - ATMEL Corporation MSL2100BR Datasheet HTML 5Page - ATMEL Corporation MSL2100BR Datasheet HTML 6Page - ATMEL Corporation MSL2100BR Datasheet HTML 7Page - ATMEL Corporation MSL2100BR Datasheet HTML 8Page - ATMEL Corporation MSL2100BR Datasheet HTML 9Page - ATMEL Corporation MSL2100BR Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Atmel LED Driver-MSL2100
Figure 2. 48-pin TQFN Package Dimensions
48
47
46
45
44
43
42
41
40
39
38
37
AD1 1
36 D7
SCL 2
35 G7
SDA 3
34 S7
AD0 4
33 D6
FLTB 5
32 G6
FBI1 6
31 S6
FBO1 7
30 D5
FBI2 8
29 G5
FBO2 9
28 S5
FBI3 10
27 D4
FBO3 11
26 G4
GND 12
MSL2100-TB
(TOP VIEW)
25 S4
13
14
15
16
17
18
19
20
21
22
23
24
Figure 1. 48-pin, 6mm x 6mm x 0.85mm QFN
(0.4mm pin pitch) with Exposed Pad
Package Pin-out - Atmel LED Driver-MSL2100-TB


Similar Part No. - MSL2100BR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL2160DQ ATMEL-MSL2160DQ Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL2160DQ ATMEL-MSL2160DQ Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL2161 ATMEL-MSL2161 Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL2161DQ ATMEL-MSL2161DQ Datasheet
1Mb / 28P
   16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
More results

Similar Description - MSL2100BR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
logo
Taiwan Memory Technolog...
T6331A TMT-T6331A Datasheet
189Kb / 2P
   The T6331A are integrated, high-efficiency white or RGB LED drivers.
logo
National Semiconductor ...
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
   Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
   Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
   SOLID-STATE LED LIGHTING SYSTEM
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
logo
ATMEL Corporation
MSL3163BT ATMEL-MSL3163BT Datasheet
2Mb / 20P
   16-string White & RGB LED Drivers with Adaptive Power Control, E짼PROM, and SPI/I짼C/SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com