Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMA2412-A1S Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NMA2412-A1S
Description  Legacy 10 MHz to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NMA2412-A1S Datasheet(HTML) 1 Page - Micronetics, Inc.

  NMA2412-A1S Datasheet HTML 1Page - Micronetics, Inc. NMA2412-A1S Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Legacy
NMA2412-A1S
10 MHz to 2000 MHz
Specifications
RF Frequency
10 MHz to 2000 MHz
Noise Output
81 dB Min ENR
Noise Spectral Density (No)
-93 dBm/Hz Min
Noise Power (N)
0 dBm min
Flatness
3 dB P-P Max
Peak Factor
5:1
Bias Voltage
15 V
Supply Current
350 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
Coaxial
Package Type
S Package
Connector Type
SMA(f)
Environmental
Operating Temperature
-30 to 85 °C
Storage Temperature
-65 to 125 °C
Notes
Option Standard No TTL
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - NMA2412-A1S

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results

Similar Description - NMA2412-A1S

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B2S MICRONETICS-NMA2412-B2S Datasheet
190Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B2T MICRONETICS-NMA2412-B2T Datasheet
357Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A2S MICRONETICS-NMA2412-A2S Datasheet
201Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A2T MICRONETICS-NMA2412-A2T Datasheet
318Kb / 2P
   Legacy 10 MHz to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
Micronetics, Inc.
NMA2410-B2T MICRONETICS-NMA2410-B2T Datasheet
326Kb / 2P
   Legacy 10 MHz to 1000 MHz
NMA2410-B1T MICRONETICS-NMA2410-B1T Datasheet
302Kb / 2P
   Legacy 10 MHz to 1000 MHz
NMA2411-A1S MICRONETICS-NMA2411-A1S Datasheet
146Kb / 1P
   Legacy 10 MHz to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com