Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX02DT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC74LCX02DT
Description  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX02DT Datasheet(HTML) 2 Page - Motorola, Inc

  MC74LCX02DT Datasheet HTML 1Page - Motorola, Inc MC74LCX02DT Datasheet HTML 2Page - Motorola, Inc MC74LCX02DT Datasheet HTML 3Page - Motorola, Inc MC74LCX02DT Datasheet HTML 4Page - Motorola, Inc MC74LCX02DT Datasheet HTML 5Page - Motorola, Inc MC74LCX02DT Datasheet HTML 6Page - Motorola, Inc MC74LCX02DT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74LCX02
MOTOROLA
LCX DATA
BR1339 — REV 3
2
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
–0.5
≤ VO ≤ VCC + 0.5
Note 1.
V
IIK
DC Input Diode Current
–50
VI < GND
mA
IOK
DC Output Diode Current
–50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
0
VCC
V
IOH
HIGH Level Output Current, VCC = 3.0V – 3.6V
–24
mA
IOL
LOW Level Output Current, VCC = 3.0V – 3.6V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7V – 3.0V
–12
mA
IOL
LOW Level Output Current, VCC = 2.7V – 3.0V
12
mA
TA
Operating Free–Air Temperature
–40
+85
°C
∆t/∆V
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V,
VCC = 3.0V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL= 12mA
0.4
VCC = 3.0V; IOL = 16mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
2. These values of VI are used to test DC electrical characteristics only.


Similar Part No. - MC74LCX02DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX02DT ONSEMI-MC74LCX02DT Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
MC74LCX02DT ONSEMI-MC74LCX02DT Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX02DTG ONSEMI-MC74LCX02DTG Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
MC74LCX02DTR2 ONSEMI-MC74LCX02DTR2 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX02DTR2G ONSEMI-MC74LCX02DTR2G Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
More results

Similar Description - MC74LCX02DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad 2-input NOR Gate
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com