Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGIC6 Datasheet(PDF) 6 Page - ADTech

Part # MAGIC6
Description  specifically designed for LED lighting and decorative LED lighting applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

MAGIC6 Datasheet(HTML) 6 Page - ADTech

Back Button MAGIC6 Datasheet HTML 2Page - ADTech MAGIC6 Datasheet HTML 3Page - ADTech MAGIC6 Datasheet HTML 4Page - ADTech MAGIC6 Datasheet HTML 5Page - ADTech MAGIC6 Datasheet HTML 6Page - ADTech MAGIC6 Datasheet HTML 7Page - ADTech MAGIC6 Datasheet HTML 8Page - ADTech MAGIC6 Datasheet HTML 9Page - ADTech MAGIC6 Datasheet HTML 10Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
MAGIC6
July. 29. 2011 / Rev. 0.1
CONSTANT OUTPUT CURRENT ( REXT = 41.2KΩ )
0
10
20
30
40
50
60
70
00.5
11.5
22.5
33.5
VLED [V]
OUTPUT CURRENT vs. VCC ( REXT = 41.2KΩ, VLED=1V )
VLED : LED to NGND Voltage
50
52
54
56
58
60
62
64
66
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
VCC [V]


Similar Part No. - MAGIC6

ManufacturerPart #DatasheetDescription
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
More results

Similar Description - MAGIC6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
   LED decorative lighting
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
logo
IK Semicon Co., Ltd
IL9961 IKSEMICON-IL9961 Datasheet
543Kb / 12P
   Architecture and decorative LED lighting
logo
Marl International Limi...
LA1012 MARL-LA1012 Datasheet
162Kb / 1P
   For High Power LED Lighting Applications
LA1012 MARL-LA1012_15 Datasheet
162Kb / 1P
   For High Power LED Lighting Applications
logo
KODENSHI_AUK CORP.
KK1207 KODENSHI-KK1207 Datasheet
227Kb / 17P
   specifically designed for LED and LED DISPLAY derivers
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com