Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6610 Datasheet(PDF) 4 Page - ADTech

Part # ADT6610
Description  3-channel constant current LED driver that has a wide range of output currents
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6610 Datasheet(HTML) 4 Page - ADTech

  ADT6610 Datasheet HTML 1Page - ADTech ADT6610 Datasheet HTML 2Page - ADTech ADT6610 Datasheet HTML 3Page - ADTech ADT6610 Datasheet HTML 4Page - ADTech ADT6610 Datasheet HTML 5Page - ADTech ADT6610 Datasheet HTML 6Page - ADTech ADT6610 Datasheet HTML 7Page - ADTech ADT6610 Datasheet HTML 8Page - ADTech ADT6610 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Aug. 25. 2011
4/21
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6610
PIN DESCRIPTION
PIN CONFIGURATION
PIN NO.
PIN NAME
FUNCTION
1
DI
Input terminal for serial data input.
2
CKI
Input terminal for serial clock input.
3
STSEL
Waiting time selection pin for strobe signal.
L
20us
H5ms
4,5
MODE0, MODE1
Input data transfer mode selection.
MODE1
MODE0
descriptions
L
L
8 bit luminance data transfer
L
H
12 bit luminance data transfer
HL
Reserved
H
H
16 bit luminance data transfer
6,7,8
REXTA, REXTB, REXTC
External resistors are connected between those pins and GND for driver
current setting.
9,10,11
OUTC, OUTB, OUTA
Output terminal for constant current output.
12
GND
GND
13
VDD
Regulator output voltage.
14
VCC
High supply voltage.
15
CKO
Output terminal for serial clock output.
16
DO
Output terminal for serial data output when CKI is ‘L”.
DI
CKI
STSEL
MODE0
MODE1
REXTA
REXTB
REXTC
DO
CKO
VCC
VDD
GND
OUTA
OUTB
OUTC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - ADT6610

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
ADT6200 ADTECH-ADT6200 Datasheet
307Kb / 6P
   AC Direct LED driver IC
More results

Similar Description - ADT6610

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com