Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHP30N60E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHP30N60E
Description  E Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHP30N60E Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHP30N60E Datasheet HTML 1Page - Vishay Siliconix SIHP30N60E Datasheet HTML 2Page - Vishay Siliconix SIHP30N60E Datasheet HTML 3Page - Vishay Siliconix SIHP30N60E Datasheet HTML 4Page - Vishay Siliconix SIHP30N60E Datasheet HTML 5Page - Vishay Siliconix SIHP30N60E Datasheet HTML 6Page - Vishay Siliconix SIHP30N60E Datasheet HTML 7Page - Vishay Siliconix SIHP30N60E Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SiHP30N60E
www.vishay.com
Vishay Siliconix
S11-2091 Rev. C, 31-Oct-11
4
Document Number: 91456
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Temperature vs. Drain-to-Source Voltage
V
DS - Drain-to-Source Voltage (V)
1
10
100
1000
10 000
0
100
200
300
400
500
600
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd x Cds shorted
C
oss = Cds + Cgd
C
rss = Cgd
C
iss
C
rss
C
oss
0
4
8
12
16
20
24
0
25
50
75
100
125
150
Q
g -Total Gate Charge (nC)
VDS = 480 V
I
D = 15 A
VDS = 300 V
VDS = 120 V
0.001
0.01
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
TC = 25 °C
TJ = 150 °C
Single Pulse
Operation in this area limited
by RDS(on)*
1 ms
10 ms
100 µs
1000
1
10
100
1
10
100
1000
0.1
5.0
10.0
15.0
20.0
25.0
30.0
25
50
75
100
125
150
T
C -Temperature (°C)
0
T
J -Temperature (°C)
550
575
600
625
650
675
700
725
- 60 - 40 - 20
0
20
40
60
80 100 120 140 160


Similar Part No. - SIHP30N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP30N60E VISHAY-SIHP30N60E Datasheet
208Kb / 8P
   E Series Power MOSFET
Rev. E, 24-Dec-12
logo
Inchange Semiconductor ...
SIHP30N60E ISC-SIHP30N60E Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHP30N60E VISHAY-SIHP30N60E Datasheet
166Kb / 8P
   E Series Power MOSFET
01-Jan-2022
SIHP30N60E-E3 VISHAY-SIHP30N60E-E3 Datasheet
208Kb / 8P
   E Series Power MOSFET
Rev. E, 24-Dec-12
SIHP30N60E-GE3 VISHAY-SIHP30N60E-GE3 Datasheet
208Kb / 8P
   E Series Power MOSFET
Rev. E, 24-Dec-12
More results

Similar Description - SIHP30N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com