Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHB24N65E-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHB24N65E-GE3
Description  E Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB24N65E-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHB24N65E-GE3 Datasheet HTML 1Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 2Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 3Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 4Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 5Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 6Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 7Page - Vishay Siliconix SIHB24N65E-GE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SiHB24N65E
www.vishay.com
Vishay Siliconix
S11-2088 Rev. B, 31-Oct-11
2
Document Number: 91477
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The information shown here is a preliminary product proposal, not a commercial product datasheet. Vishay Siliconix is not committed to produce this or any similar
product. This information should not be used for design purposes, nor construed as an offer to furnish or sell such products.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
650
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 250 μA
-0.72
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2
-
4
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 650 V, VGS = 0 V
-
-
1
μA
VDS = 520 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 12 A
-
0.120
0.145
Forward Transconductance
gfs
VDS = 8 V, ID = 5 A
-
7.1
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
2740
-
pF
Output Capacitance
Coss
-
122
-
Reverse Transfer Capacitance
Crss
-4
-
Total Gate Charge
Qg
VGS = 10 V
ID = 24 A, VDS = 520 V
-
81
122
nC
Gate-Source Charge
Qgs
-21
-
Gate-Drain Charge
Qgd
-37
-
Turn-On Delay Time
td(on)
VDD = 520 V, ID = 24 A,
VGS = 10 V, Rg = 9.1 
-24
48
ns
Rise Time
tr
-
84
126
Turn-Off Delay Time
td(off)
-
70
105
Fall Time
tf
-
69
104
Gate Input Resistance
Rg
f = 1 MHz, open drain
-
0.68
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
24
A
Pulsed Diode Forward Current
ISM
--
96
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 24 A, VGS = 0 V
-
-
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 24 A,
dI/dt = 100 A/μs, VR = 20 V
-
517
-
ns
Reverse Recovery Charge
Qrr
-9.7
-
μC
Reverse Recovery Current
IRRM
-30
-
A
S
D
G


Similar Part No. - SIHB24N65E-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB24N65E-GE3 VISHAY-SIHB24N65E-GE3 Datasheet
205Kb / 9P
   E Series Power MOSFET
Rev. F, 24-Dec-12
More results

Similar Description - SIHB24N65E-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com