Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

276QS24E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # 276QS24E
Description  GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

276QS24E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  276QS24E Datasheet HTML 1Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 2Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 3Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 4Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 5Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 6Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 7Page - Hittite Microwave Corporation 276QS24E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12 - 58
The HMC276QS24E switch can operate as a 4x4 switch by
connecting the 4 inputs of two switches directly together.
The VL, VH, HL, and HH inputs of the first switch should be
connected to the second switch, as illustrated.
Mirror image switch performance can be realized by
inverting the HV1 & HV2 logic control signals of one of the
HMC276QS24E switches.
The input loading impedance of two switches in parallel should
be 31.25 ohms. The output loading impedance on each output
should be 75 ohms. The interconnect RF line between the
switch’s inputs should be an RF trace with a characteristic
impedance of 62.5 ohms. This will allow the switch to remain
matched in all possible switch states.
The HMC276QS24E does not provide output to output
(OP1 to OP2) isolation. For this reason, It is recommended
that external amplifiers should be used at each output. The amplifier’s reverse isolation will provide output to output
isolation, if this is necessary.
Each HMC276QS24E requires DC blocking capacitors on ALL RF input and output ports.
Switch Application Circuit for 4x4 Switch Matrix
HMC276QS24 / 276QS24E
v06.0409
GaAs MMIC 4x2 SWITCH
MATRIX, 0.7 - 3.0 GHz


Similar Part No. - 276QS24E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
276QS24E HITTITE-276QS24E Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
More results

Similar Description - 276QS24E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Hexawave, Inc
HWS388 HW-HWS388 Datasheet
140Kb / 3P
   GaAs 0.95-2.15 GHz 4x2 Switch Matrix
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com