Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMA2004-A2S Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NMA2004-A2S
Description  Legacy 100 Hz to 3 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NMA2004-A2S Datasheet(HTML) 1 Page - Micronetics, Inc.

  NMA2004-A2S Datasheet HTML 1Page - Micronetics, Inc. NMA2004-A2S Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Legacy
NMA2004-A2S
100 Hz to 3 MHz
Specifications
RF Frequency
100 Hz to 3 MHz
Noise Output
82.2 dB Min ENR
Noise Spectral Density (No)
-91.8 dBm/Hz Min
Flatness
2 dB P-P Max
Peak Factor
5:1
Bias Voltage
15 V
Supply Current
12 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
Coaxial
Package Type
S Package
Connector Type
SMA(f)
Environmental
Operating Temperature
-55 to 95 °C
Storage Temperature
-65 to 125 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - NMA2004-A2S

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2004-A1D MICRONETICS-NMA2004-A1D Datasheet
295Kb / 2P
   Legacy 100 Hz to 3 MHz
More results

Similar Description - NMA2004-A2S

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2104-A2S MICRONETICS-NMA2104-A2S Datasheet
163Kb / 2P
   Legacy 100 Hz to 3 MHz
NMA2004-A1D MICRONETICS-NMA2004-A1D Datasheet
295Kb / 2P
   Legacy 100 Hz to 3 MHz
NMA2104-A1E MICRONETICS-NMA2104-A1E Datasheet
50Kb / 2P
   Legacy 100 Hz to 3 MHz
NMA2103-A1E MICRONETICS-NMA2103-A1E Datasheet
50Kb / 2P
   Legacy 100 Hz to 1 MHz
NZG50-5M MICRONETICS-NZG50-5M Datasheet
161Kb / 2P
   Legacy 100 Hz to 5 MHz
NZG100-1M MICRONETICS-NZG100-1M Datasheet
161Kb / 2P
   Legacy 100 Hz to 1 MHz
NZG10-1M MICRONETICS-NZG10-1M Datasheet
161Kb / 2P
   Legacy 100 Hz to 1 MHz
NMA2006-A1D MICRONETICS-NMA2006-A1D Datasheet
295Kb / 2P
   Legacy 100 Hz to 30 MHz
NZG10-2M MICRONETICS-NZG10-2M Datasheet
161Kb / 2P
   Legacy 100 Hz to 2 MHz
NZG25-1M MICRONETICS-NZG25-1M Datasheet
161Kb / 2P
   Legacy 100 Hz to 1 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com