Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10XB60 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # D10XB60
Description  General Purpose Rectifiers(600V 10A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D10XB60 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  D10XB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D10XB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D10XB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D10XB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D10XB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D10XB60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
80
90
100
110
120
130
140
150
160
0
2
4
6
8
10
12
14
D10XBx
Derating Curve
SIN
Tc
Tc
Heatsink
Sine wave
R-load
with heatsink
Case Temperature Tc [
°C]


Similar Part No. - D10XB60

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D10XB60 ZSELEC-D10XB60 Datasheet
59Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
D10XB60H EIC-D10XB60H Datasheet
104Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Shindengen Electric Mfg...
D10XB60H SHINDENGEN-D10XB60H Datasheet
105Kb / 6P
   General Purpose Rectifiers
logo
New Jersey Semi-Conduct...
D10XB60H NJSEMI-D10XB60H Datasheet
150Kb / 2P
   SILICON BRIDGE RECTIFIER
More results

Similar Description - D10XB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10XB80 SHINDENGEN-D10XB80 Datasheet
309Kb / 6P
   General Purpose Rectifiers(800V 10A)
D10XB20 SHINDENGEN-D10XB20 Datasheet
309Kb / 6P
   General Purpose Rectifiers(200V 10A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
   General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
   General Purpose Rectifiers(600V 4A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
   General Purpose Rectifiers(600V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
   General Purpose Rectifiers(600V 6A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
   General Purpose Rectifiers(600V 4A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
S1YB60 SHINDENGEN-S1YB60 Datasheet
283Kb / 5P
   General Purpose Rectifiers(600V 0.4A)
S1ZB60 SHINDENGEN-S1ZB60 Datasheet
297Kb / 6P
   General Purpose Rectifiers(600V 0.8A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com