Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8898 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8898
Description  Advanced PMU for Marvell Aspen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8898 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8898 Datasheet HTML 1Page - Active-Semi, Inc ACT8898 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is trademark of Active-Semi.
I
2CTM is a trademark of NXP.
Product Brief, 29-Nov-10
ACT8898
Advanced PMU for Marvell Aspen
FEATURES
Optimized for Marvell Aspen Processors
Three Step-Down DC/DC Converters
Four Low-Dropout Linear Regulators
I2CTM Serial Interface
Advanced Enable/Disable Sequencing Controller
Minimal External Components
Tiny 5×5mm TQFN55-32 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
APPLICATIONS
Personal Navigation Devices
Portable Media Players
Tablet Devices
Smart Phones
MIDs
GENERAL DESCRIPTION
The ACT8898 is a complete, cost effective, highly-
efficient ActivePMU
TM power management solution,
optimized
for
the
unique
power,
voltage-
sequencing, and control requirements of the Marvell
Aspen processor.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators.
The
three
DC/DC
converters
utilize
a
high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1150mA of output
current, while the third supports up to 1300mA. All
four
low-dropout
linear
regulators
are
high-
performance, low-noise, regulators that supply up to
150mA, 150mA, 320mA, and 320mA, respectively.
The ACT8898 is available in a compact, Pb-Free
and RoHS-compliant TQFN55-32 package.
TYPICAL APPLICATION DIAGRAM
®


Similar Part No. - ACT8898

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8890 ACTIVE-SEMI-ACT8890 Datasheet
80Kb / 2P
   Advanced PMU for Portable Handheld Equipment
29-Nov-10
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
   Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891Q4I133-T ACTIVE-SEMI-ACT8891Q4I133-T Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
More results

Similar Description - ACT8898

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8938 ACTIVE-SEMI-ACT8938_14 Datasheet
1,008Kb / 46P
   Advanced PMU for Marvell Aspen
Rev 3, 23-Dec-11
ACT8938 ACTIVE-SEMI-ACT8938 Datasheet
91Kb / 2P
   Advanced PMU for Marvell Aspen
09-Nov-10
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
   Advanced PMU for Samsung S3C6410
09-Nov-10
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com