Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400NS Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 400NS
Description  Standard Recovery Diodes (Stud and Flat Base Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

400NS Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  400NS_1 Datasheet HTML 1Page - Naina Semiconductor ltd. 400NS_1 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
Standard Recovery Diodes
Features
Diffused Series
Industrial grade
Available in Normal and Reverse polarity
Metric and UNF thread type
Electrical Specifications (TE = 25
0C, unless otherwise
Symbol
Parameters
IF(AV)
Maximum avg. forward current @ TE
= 150
OC
VFM
Maximum peak forward voltage drop
@ rated IF(AV)
IFSM
Maximum peak one cycle (non-rep)
surge current @ 10 msec
IFRM
Maximum peak repetitive surge
current
I
2t
Maximum I
2t rating (non-rep) for 5 to
10 msec
Electrical Ratings (TE = 25
0C, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
V
10
100
20
200
40
400
60
600
400NS(R)
80
800
100
1000
120
1200
140
1400
160
1600
emiconductor Ltd.
40
andard Recovery Diodes (Stud and Flat Base Type)
DO-205AB (DO
C, unless otherwise noted)
Values
Units
400
A
Maximum peak forward voltage drop
1.4
V
8250
A
16000
A
rep) for 5 to
340000
A
2sec
C, unless otherwise noted)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
70
100
40
140
200
80
280
400
160
420
600
240
560
800
320
700
1000
400
840
1200
480
980
1400
560
1120
1600
640
400NS(R)
(Stud and Flat Base Type)
205AB (DO-9)
Recommended RMS
working voltage
IR(AV), Maximum
avg. reverse
leakage current
(µA)
200


Similar Part No. - 400NS_1

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
400NS NAINA-400NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400NS NAINA-400NS_17 Datasheet
664Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 400A
More results

Similar Description - 400NS_1

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
200NS NAINA-200NS_11 Datasheet
107Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
150NS NAINA-150NS_1 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
100NS NAINA-100NS Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
100NS NAINA-100NS_11 Datasheet
107Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400NS NAINA-400NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com