Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56NTT Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 56NTT
Description  Thyristor - Thyristor Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

56NTT Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  56NTT Datasheet HTML 1Page - Naina Semiconductor ltd. 56NTT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Thyristor
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Thermal & Mechanical Specifications (T
Parameter
Operating junction temperature range
Thermal resistance, junction to case
Electrical Characteristics (TA = 25
0C unless otherwise
Parameter
Maximum average on-state current
Maximum repetitive peak reverse voltage range
Forward voltage drop
Gate current required to trigger
Gate voltage required to trigger
Holding current range
Maximum latching current
Critical rate of rise of off-state voltage
RMS isolated voltage
Maximum Ratings (TA = 25
0C unless otherwise noted)
Parameter
Maximum average forward current @ TJ =
85
0C
Maximum average RMS forward current
Maximum non-repetitive surge current @ t
= 10ms
Maximum I
2t for fusing @ t = 10ms
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Thyristor – Thyristor Module
Improved glass passivation for high reliability
(TA = 25
0C unless otherwise noted)
Symbol
TJ
-65 to +1
Rth(JC)
C unless otherwise noted)
Symbol
IT(max)
Maximum repetitive peak reverse voltage range
VRRM
200 to 1600
VFM
IGT
VGT
IH
IL
dv/dt
VISO
C unless otherwise noted)
Symbol
Values
Units
IF(AV)
56
A
IF(RMS)
130
A
IFSM
1300
A
I
2t
8000
A
2s
M1 PACKAGE
56NTT
4205450
Fax: 0120-4273653
Values
Units
65 to +125
0C
0.55
0C/W
Values
Units
56
A
200 to 1600
V
1.2
V
100
A
2
V
5 to 100
mA
400
mA
300
V/µs
2500
V
M1 PACKAGE


Similar Part No. - 56NTT

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
56NT NAINA-56NT Datasheet
152Kb / 2P
   Phase Control Thyristors, 56A (Stud and Lead Type)
56NTD NAINA-56NTD Datasheet
112Kb / 2P
   Thyristor - Diode Module
56NT NAINA-56NT_17 Datasheet
174Kb / 2P
   Phase Control Thyristors (Stud & Lead Type), 56A
More results

Similar Description - 56NTT

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com