Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50RIA Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 50RIA
Description  Phase Control Thyristors, 56A (Stud and Lead Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

50RIA Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  50RIA Datasheet HTML 1Page - Naina Semiconductor ltd. 50RIA Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Phase Control Thyristors, 56
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Metric thread type available
Low thermal resistance
Thermal and Mechanical Specifications
(TJ
Parameters
Maximum operating junction temperature range
Maximum storage temperature range
Maximum thermal resistance, junction to case
Mounting torque
Approximate weight
Electrical Ratings (TJ = 250C, unless otherwise noted)
Parameters
Symbol
Maximum on-state average current 180
O
sinusoidal conduction @ TJ = 85
0C
Maximum RMS on-state current
Maximum peak, one cycle non-repetitive
surge current
Maximum I
2t for fusing
Maximum repetitive peak on and off-state
voltage range
Maximum peak on-state voltage (TJ = 25
0C,
Ipeak = 79A)
Maximum holding current @ TJ
Maximum latching current @TJ
Maximum rate of rise of turn-on current,
VDRM ≤ 600V
Critical rate of rise of
off-state voltage
TJ = TJ maximum,
100% VDRM
TJ = TJ maximum,
67% VDRM
Maximum gate
current required to
trigger
anode supply 6 V
resistive load @TJ
Maximum gate
voltage required to
trigger
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Phase Control Thyristors, 56A (Stud and Lead Type)
glass passivation for high reliability
Exceptional stability at high temperatures
TO-208AC (TO-65) & TO
J = 25
0C, unless otherwise noted)
Symbol
Values
Maximum operating junction temperature range
TJ
- 60 to
TStg
- 60 to
Rth(JC)
0.
0.2(min) to 0.3(max)
C, unless otherwise noted)
Symbol
Values
Units
IT(AV)
55
A
IT(RMS)
A
ITSM
900
A
I
2t
800
A
2s
VRRM,
VDRM
200 to
1600
V
VTM
1.2
V
IH
150
mA
IL
400
mA
di/dt
200
A/µs
dv/dt
100
V/µs
300
IGT
100
mA
VGT
2.0
V
56NT
4205450
Fax: 0120-4273653
(Stud and Lead Type)
) & TO-209AC (TO-94)
Values
Units
to +125
0C
to +125
0C
0.6
0C/W
0.2(min) to 0.3(max)
mkg
14
g


Similar Part No. - 50RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50RIA IRF-50RIA Datasheet
206Kb / 8P
   MEDIUM POWER THYRISTORS
logo
Vishay Siliconix
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
Naina Semiconductor ltd...
50RIA NAINA-50RIA Datasheet
147Kb / 2P
   Phase Control Thyristors, 40A (Stud and Lead Type)
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 50RIA

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
56NT NAINA-56NT_17 Datasheet
174Kb / 2P
   Phase Control Thyristors (Stud & Lead Type), 56A
40NT NAINA-40NT Datasheet
147Kb / 2P
   Phase Control Thyristors, 40A (Stud and Lead Type)
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
   Phase Control Thyristors (Stud & Lead Type), 40A
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
   Phase Control Thyristors (Stud Type), 25A
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
   Phase Control Thyristors (Stud Type), 150A
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com