Part Name
         Description
2SK2799

 VX-2 Series Power MOSFET(350V 10A) ( 10 Page)


SHINDENGEN
100% 
Zoom Out Zoom In
 
 1 page
background image
SHINDENGEN
2SK2799
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
(F10F35VX2)
350V 10A
Case : E-pack
VX-2 Series Power MOSFET
N-Channel Enhancement type
(Unit : mm)
Case : FTO-220
Switching power supply of AC 100V input
High voltage power supply
Inverter
APPLICATION
Input capacitance (Ciss) is small.
Especially, input capacitance
at 0 biass is small.
The static Rds(on) is small.
The switching time is fast.
FEATURES
●Absolute Maximum Ratings (
Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
350
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current(
DC)
ID
10
Continuous Drain Current(
Peak)
IDP
30
A
Continuous Source Current(
DC)
IS
10
Total Power Dissipation
PT
50
W
Single Pulse Avalanche Current
IAS
Tch = 25℃
10
A
Dielectric Strength
dis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque : 0.3N・m )
0.5
w



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2186VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2187VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK1686HVX SERIES POWER MOSFET 900V 10A 1 2 List of Unclassifed Manufacturers
2SK2188VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2189VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2190VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2677HVX-2 Series Power MOSFET 900V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
HUF76609D310A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
RFP10P03L10A 30V 0.200 ohm Logic Level P-Channel Power MOSFET 1 2 3 4 5 MoreHarris Corporation
2SK1533HVX Series Power MOSFET 1 2 Shindengen Electric Mfg.Co.Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl