Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9024C-CKB Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9024C-CKB
Description  Automatic Cable Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024C-CKB Datasheet(HTML) 8 Page - Gennum Corporation

  GS9024C-CKB Datasheet HTML 1Page - Gennum Corporation GS9024C-CKB Datasheet HTML 2Page - Gennum Corporation GS9024C-CKB Datasheet HTML 3Page - Gennum Corporation GS9024C-CKB Datasheet HTML 4Page - Gennum Corporation GS9024C-CKB Datasheet HTML 5Page - Gennum Corporation GS9024C-CKB Datasheet HTML 6Page - Gennum Corporation GS9024C-CKB Datasheet HTML 7Page - Gennum Corporation GS9024C-CKB Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
20581 - 0
8
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax. +1 (905) 632-5946
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku
Tokyo 168-0081, Japan
Tel. +81 (03) 3334-7700 Fax. +81 (03) 3247-8839
GENNUM UK LIMITED
25 Long Garden Walk, Farnham, Surrey, England GU9 7HX
Tel. +44 (0)1252 747 000 Fax +44 (0)1252 726 523
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright October 2001 Gennum Corporation. All rights reserved. Printed in Canada.
TYPICAL APPLICATION CIRCUIT
TYPICAL APPLICATION CIRCUIT
TYPICAL APPLICATION CIRCUIT
TYPICAL APPLICATION CIRCUIT
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
All dimensions in millimeters.
HIGH Z
SDO
SDO
CD_ADJ
OEM
AGC+
SSI/CD
AGC-
VEE
VCC
SDI
SDI
VEE
VCC
VCC
VCC
VCC
VCC
DATA OUT
DATA OUT
1
2
3
4
5
6
7
VCC
1n
10n
10n
50
75
37.5
75
75
75
75
100k
POT
(optional)
100n
SDI INPUT
30 - 360Mb/s
EYE MONITOR
OUTPUT
14
13
12
11
10
9
8
GS9024C
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.
100n
0.49
MAX
4.0
MAX
6.20
MAX
1
7
8
14
7.62 ±0.05
6 spaces@ 1.27±0.05
0.25
MAX
1.91
MAX
1.27
MAX
0.25
MAX
8.75 MAX
O.56 MAX
=
=
=
=
=
=
16 Pin SOIC Narrow
REVISION NOTES:
New Document
For latest product information, visit www.gennum.com
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
DOCUMENT IDENTIFICATION
PRELIMINARY DATA SHEET
The product is in a preproduction phase and specifications
are subject to change without notice.


Similar Part No. - GS9024C-CKB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
More results

Similar Description - GS9024C-CKB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com