Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9024-CTB Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9024-CTB
Description  Automatic Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CTB Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9024-CTB Datasheet HTML 3Page - Gennum Corporation GS9024-CTB Datasheet HTML 4Page - Gennum Corporation GS9024-CTB Datasheet HTML 5Page - Gennum Corporation GS9024-CTB Datasheet HTML 6Page - Gennum Corporation GS9024-CTB Datasheet HTML 7Page - Gennum Corporation GS9024-CTB Datasheet HTML 8Page - Gennum Corporation GS9024-CTB Datasheet HTML 9Page - Gennum Corporation GS9024-CTB Datasheet HTML 10Page - Gennum Corporation GS9024-CTB Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
7 of 16
4. Typical Performance Curves
(VS = 5V, TA = 25°C unless otherwise shown.)
Figure 4-1: Maximum Data Rate vs. Cable Length - Belden 8281n
(see Test Setup in Figure 2-1)
Figure 4-2: Equalizer Gain vs. Frequency
DATA RATE (Mb/s)
500
400
300
200
100
0
90
180
270
360
450
540
630
0.5 UI
Output
Additive
Jitter
0.2 UI
Output
Additive
Jitter
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
FREQUENCY (MHz)


Similar Part No. - GS9024-CTB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024-CTB GENNUM-GS9024-CTB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
More results

Similar Description - GS9024-CTB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com