Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS7032-CVME3 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS7032-CVME3
Description  Digital Video Serializer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7032-CVME3 Datasheet(HTML) 5 Page - Gennum Corporation

  GS7032-CVME3 Datasheet HTML 1Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 2Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 3Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 4Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 5Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 6Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 7Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 8Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
14583 - 04
5 of 9
33
RESET
I
Resets the scrambler when asserted.
34
VCC1
-
Most positive power supply connection for analog circuits.
35
VEE1
-
Most negative power supply connection for analog circuits.
36, 38
RVCO+, RVCO-
I
Differential VCO current setting resistor that sets the VCO frequency.
39, 43
VEE
-
Most negative power supply connection (substrate).
40
LBWC
I
TTL level loop bandwidth control that adjusts the PLL bandwidth to optimize for lowest
jitter. If the pin is set to ground the loop bandwidth is BWMIN. If the pin is left floating, the
loop bandwidth is approximately 3 BWMIN, if the pin is tied to VCC the loop bandwidth is
approximately10 BWMIN
41, 42
LF+, LF-
I
Differential loop filter pins to optimize loop transfer performance at low loop bandwidths
(NC if not used).
44
SYNC DIS
I
Sync detect disable. Logic high disables sync detection. Logic low allows 8 bit operation
by mapping 000-003 to 000 and 3FC-3FF to 3FF.
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - GS7032-CVME3

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS7032 GSI-GS7032 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10 GSI-GS70328SJ-10 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10I GSI-GS70328SJ-10I Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10IT GSI-GS70328SJ-10IT Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
More results

Similar Description - GS7032-CVME3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com