Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8040 Datasheet HTML 1Page - Texas Instruments TUSB8040 Datasheet HTML 2Page - Texas Instruments TUSB8040 Datasheet HTML 3Page - Texas Instruments TUSB8040 Datasheet HTML 4Page - Texas Instruments TUSB8040 Datasheet HTML 5Page - Texas Instruments TUSB8040 Datasheet HTML 6Page - Texas Instruments TUSB8040 Datasheet HTML 7Page - Texas Instruments TUSB8040 Datasheet HTML 8Page - Texas Instruments TUSB8040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
List of Tables
2-1
Clock and Reset Signals
........................................................................................................ 10
2-2
USB Upstream Signals
.......................................................................................................... 10
2-3
USB Downstream Signals
....................................................................................................... 11
2-4
I
2C/SMBUS Signals
.............................................................................................................. 14
2-5
Test and Miscellaneous Signals
................................................................................................ 14
2-6
Power Signals
.................................................................................................................... 16
3-1
TUSB8040 Register Map
........................................................................................................ 17
3-2
Register Offset 0h
................................................................................................................ 18
3-3
Bit Descriptions
– ROM Signature Register
.................................................................................. 18
3-4
Register Offset 1h
................................................................................................................ 18
3-5
Bit Descriptions
– Vendor ID LSB Register
.................................................................................. 18
3-6
Register Offset 2h
................................................................................................................ 18
3-7
Bit Descriptions
– Vendor ID MSB Register
................................................................................. 18
3-8
Register Offset 3h
................................................................................................................ 19
3-9
Bit Descriptions
– Product ID MSB Register
................................................................................. 19
3-10
Register Offset 4h
................................................................................................................ 19
3-11
Bit Descriptions
– Product ID MSB Register
................................................................................. 19
3-12
Register Offset 5h
................................................................................................................ 19
3-13
Bit Descriptions
– Device Configuration Register
........................................................................... 19
3-14
Register Offset 6h
................................................................................................................ 20
3-15
Bit Descriptions
– Battery Charging Support Register
...................................................................... 20
3-16
Register Offset 7h
................................................................................................................ 21
3-17
Bit Descriptions
– Device Removable Configuration Register
............................................................. 21
3-18
Register Offset 8h
................................................................................................................ 21
3-19
Bit Descriptions
– Port Used Configuration Register
....................................................................... 21
3-20
Register Offset 20h
.............................................................................................................. 22
3-21
Bit Descriptions
– Language ID LSB Register
............................................................................... 22
3-22
Register Offset 21h
.............................................................................................................. 22
3-23
Bit Descriptions
– Language ID LSB Register
............................................................................... 22
3-24
Register Offset 22h
.............................................................................................................. 22
3-25
Bit Descriptions
– Serial Number String Length Register
.................................................................. 22
3-26
Register Offset 23h
.............................................................................................................. 23
3-27
Bit Descriptions
– Manufacturer String Length Register
................................................................... 23
3-28
Register Offset 24h
.............................................................................................................. 23
3-29
Bit Descriptions
– Product String Length Register
.......................................................................... 23
3-30
Register Offset 30h-4Fh
......................................................................................................... 23
3-31
Bit Descriptions
– Serial Number Byte N Register
.......................................................................... 23
3-32
Register Offset 50h-8Fh
......................................................................................................... 24
3-33
Bit Descriptions
– Manufacturer String Register
............................................................................ 24
3-34
Register Offset 90h-CFh
........................................................................................................ 24
3-35
Bit Descriptions
– Product String Register
................................................................................... 24
3-36
Register Offset F8h
.............................................................................................................. 24
3-37
Bit Descriptions
– Device Status and Command Register
................................................................. 24
4
List of Tables
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TUSB8040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040 TI1-TUSB8040 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040A1RKMR TI1-TUSB8040A1RKMR Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
More results

Similar Description - TUSB8040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com