Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40400_1110 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS40400_1110
Description  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40400_1110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40400_1110 Datasheet HTML 4Page - Texas Instruments TPS40400_1110 Datasheet HTML 5Page - Texas Instruments TPS40400_1110 Datasheet HTML 6Page - Texas Instruments TPS40400_1110 Datasheet HTML 7Page - Texas Instruments TPS40400_1110 Datasheet HTML 8Page - Texas Instruments TPS40400_1110 Datasheet HTML 9Page - Texas Instruments TPS40400_1110 Datasheet HTML 10Page - Texas Instruments TPS40400_1110 Datasheet HTML 11Page - Texas Instruments TPS40400_1110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
1
2
3
4
5
6
7
8
9
12
24
13
23
22
21
20
19
18
17
16
15
14
ADDR0
ADDR1
VDD
HDRV
BOOT
SW
LDRV
GND
BP6
SMBALRT
10
11
SYNC
CNTL
ISNS–
VSNS–
VSNS+
DIFFO
PGOOD
TRACK
COMP
FB
DATA
CLK
TPS40400
BP3
ISNS+
PowerPAD
TM
SGND
TPS40400
SLUS930B
– APRIL 2011 – REVISED OCTOBER 2011
www.ti.com
DEVICE INFORMATION
RHL PACKAGE
BOTTOM VIEW
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
Low-order address pin for PMBus address configuration. One of eight resistor values must be connected from
ADDR0
21
I
this pin to SGND to select the low-order octal digit in the PMBus address.
High-order address pin for PMBus address configuration. One of eight resistor values must be connected from
ADDR1
22
I
this pin to SGND to select the high-order octal digit in the PMBus address.
Gate drive voltage for the high-side N-channel MOSFET. A capacitor 100 nF typical must be connected between
BOOT
18
I
this pin and SW.
Bypass pin for the internal regulator that supplies power to the internal controls of the device. Normal regulation
BP3
13
O
voltage is 3.3 V. Connect a 100 nF or larger capacitor from this pin to GND.
Bypass pin for the internal regulator that supplies power to the gate drivers. Normal regulation voltage is 6.5 V.
BP6
14
O
Connect a 1-
μF or larger capacitor from this pin to GND.
CLK
1
I
Clock input for the PMBus interface
Logic level input that controls the startup and shutdown of the converter, Exact functionality is determined by
CNTL
2
I
PMBus options.
COMP
6
O
Output of the error amplifier. Used for control loop compensation.
DATA
24
I/O
Data I/O for the PMBus interface
DIFFO
8
O
Output of the unity gain remote voltage sense amplifier. Typically connected to the voltage divider on FB
FB
7
I
Inverting input to the error amplifier. A voltage divider is connected here to sense the output voltage.
Common connection for the device. This pin should connect to the thermal pad under the device package and to
the power stage ground, preferably close to the source of the Low-side or rectifier FET. Connections should be
GND
15
arranged so that no power level current slow across the pad connected to the thermal pad on the underside of
the device.
HDRV
19
O
Gate drive signal to the high-side FET
ISNS
11
I
Inverting input to the current sense amplifier
ISNS+
12
I
Non-inverting input to the current sense amplifier
LDRV
16
O
Output used to drive the gate of the low-side or rectifier FET.
Power good output. This is an open drain output that pulls low when any fault condition exists within the device
PGOOD
3
O
or when the device is not operating within a user selectable operating range of the nominal output voltage of the
converter.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40400


Similar Part No. - TPS40400_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
More results

Similar Description - TPS40400_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com