Electronic Components Datasheet Search |
|
MC74HCU04ADT Datasheet(PDF) 1 Page - Motorola, Inc |
|
MC74HCU04ADT Datasheet(HTML) 1 Page - Motorola, Inc |
1 / 7 page MOTOROLA SEMICONDUCTOR TECHNICAL DATA 1 REV 1 © Motorola, Inc. 1997 3/97 Hex Unbuffered Inverter High–Performance Silicon–Gate CMOS The MC74HCU04A is identical in pinout to the LS04 and the MC14069UB. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This device consists of six single–stage inverters. These inverters are well suited for use as oscillators, pulse shapers, and in many other applications requiring a high–input impedance amplifier. For digital applications, the HC04A is recommended. • Output Drive Capability: 10 LSTTL Loads • Outputs Directly Interface to CMOS, NMOS, and TTL • Operating Voltage Range: 2 to 6 V; 2.5 to 6 V in Oscillator Configurations • Low Input Current: 1 µA • High Noise Immunity Characteristic of CMOS Devices • In Compliance with the Requirements Defined by JEDEC Standard No. 7A • Chip Complexity: 12 FETs or 3 Equivalent Gates LOGIC DIAGRAM Y1 A1 A2 A3 A4 A5 A6 Y2 Y3 Y4 Y5 Y6 1 3 5 9 11 13 2 4 6 8 10 12 Y = A PIN 14 = VCC PIN 7 = GND MC74HCU04A FUNCTION TABLE PIN ASSIGNMENT Inputs A L H 11 12 13 14 8 9 10 5 4 3 2 1 7 6 Y5 A5 Y6 A6 VCC Y4 A4 Y2 A2 Y1 A1 GND Y3 A3 Outputs Y H L D SUFFIX SOIC PACKAGE CASE 751A–03 N SUFFIX PLASTIC PACKAGE CASE 646–06 ORDERING INFORMATION MC74HCUXXAN MC74HCUXXAD MC74HCUXXADT Plastic SOIC TSSOP 1 14 1 14 1 14 DT SUFFIX TSSOP PACKAGE CASE 948G–01 |
Similar Part No. - MC74HCU04ADT |
|
Similar Description - MC74HCU04ADT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |