Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VAR
Description  Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and Distortion in the Signal Path
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VAR Datasheet(HTML) 3 Page - Vishay Siliconix

  VAR Datasheet HTML 1Page - Vishay Siliconix VAR Datasheet HTML 2Page - Vishay Siliconix VAR Datasheet HTML 3Page - Vishay Siliconix VAR Datasheet HTML 4Page - Vishay Siliconix VAR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FIGURE 2 - STANDARD DIMENSIONS
Lead Material #22 AWG
Round Solder Coated Copper
W
L
LS
H
LL
Soldered PCB
This product is fragile
and may be damaged
if mishandled.
VPG assumes no
responsibility for
damage caused by
improper handling.
TABLE 2 - SPECIFICATIONS
RESISTANCE RANGE
(
Ω)
MAXIMUM
WORKING
VOLTAGE
AMBIENT
POWER RATING
DIMENSIONS
at
+ 70 °C
at
+ 125 °C
INCHES
mm
10 to 100K
200
0.4 W
0.2 W
W: 0.080 max.
L: 0.250 max.
H: 0.310 max.
LL: 1.000 ± 0.125
LS: 0.150 ± 0.005
W: 2.03 max.
L: 6.35 max.
H: 7.87 max.
LL: 25.4 ± 3.18
LS: 3.81 ± 0.13
FIGURE 3 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
VAR
Vishay Foil Resistors
Document Number: 63140
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 22-Nov-10
3
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
To acquire a precision resistance value, the Bulk Metal Foil
chip is trimmed by selectively removing built-in “shorting
bars.” To increase the resistance in known increments,
marked areas are cut, producing progressively smaller
increases in resistance. This method reduces the effect of
“hot spot” and improves the long term stability of the hybrid
chips.


Similar Part No. - VAR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VAR VISHAY-VAR Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
logo
TDK Electronics
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18030053M3P-AK TDK-VAR-18030053M3P-AK Datasheet
222Kb / 2P
   Ring Varistors
VAR-18030053M3P-K TDK-VAR-18030053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18042032Y3P-K TDK-VAR-18042032Y3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results

Similar Description - VAR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
VAR VISHAY-VAR Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
   Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Revision: 28-Feb-08
VHP203 VISHAY-VHP203 Datasheet
121Kb / 5P
   Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Revision: 06-May-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 26-Mar-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com