Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ3505_1008 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VJ3505_1008
Description  VJ 3505 UHF Chip Antenna for Mobile Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ3505_1008 Datasheet(HTML) 5 Page - Vishay Siliconix

  VJ3505_1008 Datasheet HTML 1Page - Vishay Siliconix VJ3505_1008 Datasheet HTML 2Page - Vishay Siliconix VJ3505_1008 Datasheet HTML 3Page - Vishay Siliconix VJ3505_1008 Datasheet HTML 4Page - Vishay Siliconix VJ3505_1008 Datasheet HTML 5Page - Vishay Siliconix VJ3505_1008 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 45158
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 26-Aug-10
24
VJ 3505
VJ 3505 UHF Chip Antenna for Mobile Devices
Vishay Vitramon
Fig. 8 - Soldering IR Reflow with SnAgCu Solder
0
50
100
150
200
250
300
T
(°C)
Time
60 s to 120 s
30 s to 60 s
Max. temperature
Min. temperature
Sn-Ag-Cu solder paste
60 s to 120 s
60 s to 120 s
ORDERING INFORMATION
VISHAY MATERIAL
PACKAGING QUANTITY
VJ 3505
VJ3505M011SXMSRA0
1000 pieces


Similar Part No. - VJ3505_1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ3505 VISHAY-VJ3505_10 Datasheet
138Kb / 5P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
More results

Similar Description - VJ3505_1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ3505 VISHAY-VJ3505_10 Datasheet
138Kb / 5P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ-3505 VISHAY-VJ-3505 Datasheet
295Kb / 6P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 03-Mar-15
VJ3505 VISHAY-VJ3505 Datasheet
181Kb / 5P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 02-Jul-09
VJ6040 VISHAY-VJ6040_10 Datasheet
149Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ6040 VISHAY-VJ6040 Datasheet
166Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 02-Jul-09
1442112 VISHAY-1442112 Datasheet
155Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ6040M011SXISRA0 VISHAY-VJ6040M011SXISRA0 Datasheet
155Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ-6040 VISHAY-VJ-6040 Datasheet
291Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 03-Mar-15
logo
RF Micro Devices
RF5840 RFMD-RF5840 Datasheet
564Kb / 9P
   Mobile Devices
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
   Internal TV Antenna for Mobile Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com