Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S102C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S102C
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S102C Datasheet(HTML) 2 Page - Vishay Siliconix

  S102C Datasheet HTML 1Page - Vishay Siliconix S102C Datasheet HTML 2Page - Vishay Siliconix S102C Datasheet HTML 3Page - Vishay Siliconix S102C Datasheet HTML 4Page - Vishay Siliconix S102C Datasheet HTML 5Page - Vishay Siliconix S102C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FIGURE 2 - STANDARD IMPRINTING AND DIMENSIONS
LS
Model Number
VFR
XXXX
S102C
ST
1)
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Optional Customer Part Number
Print specification, etc. if required
Resistance
Value Code
Tolerance
XXXXXX
100R01
0.01 %
LL
SW
10
Week
01
Year
(Pb - free coating available)
Note
1. Standoffs provided to allow proper flushing of flux, debris, and contaminates from under resistor after all solder operations.
2. The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board
when the standoffs are seated on the printed circuit board.
TABLE 2 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
MAXIMUM
WORKING
VOLTAGE
AMBIENT
POWER RATING AVERAGE
WEIGHT
IN GRAMS
DIMENSIONS
TIGHTEST
TOLERANCE
VS. LOWEST
RESISTANCE
VALUE
at
+ 70 °C
at
+ 125 °C
INCHES
mm
F (1)
(INCHES)
S102C
(S102J) (2)
1 to 150K
300
0.6 W
0.3 W
0.6
W: 0.105 ± 0.010
L: 0.300 ± 0.010
H: 0.326 ± 0.010
ST: 0.010 min.
SW: 0.040 ± 0.005
LL: 1.000 ± 0.125
LS: 0.150 ± 0.005
2.67 ± 0.25
7.62 ± 0.25
8.28 ± 0.25
0.254 min.
1.02 ± 0.13
25.4 ± 3.18
3.81 ± 0.13
0.005 %/50
Ω
0.01 %/25
Ω
0.02 %/12
Ω
0.05 %/5
Ω
0.1 %/2
Ω
0.50 %/1
Ω
1 %/0.5
Ω
up to 100K
S102K
(S102L) (2)
1 to 100K
0.4 W
0.2 W
over 100K
S104D
(S104F) (1)
1 to 500K
350
1.0 W
0.5 W
1.4
W: 0.160 max.
L: 0.575 max.
H: 0.413 max.
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.400 ± 0.020
4.06 max.
14.61 max.
10.49 max.
0.889 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
10.16 ± 0.51
(0.138)
(0.565)
(0.413)
up to 200K
S104K
1 to 300K
0.6 W
0.3 W
over 200K
S105D
(S105F) (1)
1 to 750K
350
1.5 W
0.75 W
1.9
W: 0.160 max.
L: 0.820 max.
H: 0.413 max.
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.650 ± 0.020
4.06 max.
20.83 max.
10.49 max.
0.889 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
16.51 ± 0.51
(0.138)
(0.890)
(0.413)
(0.7 ± 0.05)
up to 300K
S105K
1 to 500K
0.8 W
0.4 W
over 300K
S106D
0.5 to 1M
500
2.0 W
1.0 W
4.0
W: 0.260 max.
L: 1.200 max.
H: 0.413 max.
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.900 ± 0.020
6.60 max.
30.48 max.
10.49 max.
0.889 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
22.86 ± 0.51
up to 400K
S106K
0.5 to 600K
1.0 W
0.5 W
over 400K
S Series
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63001
2
Revision: 29-Jun-11
Notes
(1) S104F and S105F have different package dimensions (see the third column of dimensions). All other specifications are the same.
(2) 0.200" (5.08 mm) lead spacing available - specify S102J for S102C, and S102L for S102K.


Similar Part No. - S102C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
More results

Similar Description - S102C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
Revision: 26-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com