Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25673A4302A040 Datasheet(PDF) 3 Page - EPCOS

Part # B25673A4302A040
Description  Film Capacitors ??Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25673A4302A040 Datasheet(HTML) 3 Page - EPCOS

  B25673A4302A040_11 Datasheet HTML 1Page - EPCOS B25673A4302A040_11 Datasheet HTML 2Page - EPCOS B25673A4302A040_11 Datasheet HTML 3Page - EPCOS B25673A4302A040_11 Datasheet HTML 4Page - EPCOS B25673A4302A040_11 Datasheet HTML 5Page - EPCOS B25673A4302A040_11 Datasheet HTML 6Page - EPCOS B25673A4302A040_11 Datasheet HTML 7Page - EPCOS B25673A4302A040_11 Datasheet HTML 8Page - EPCOS B25673A4302A040_11 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Film Capacitors – Power Factor Correction
B25673A4302A040
PhaseCap Compact capacitors
MKK440-D-30-02
FILM PFC PM
April 2011
Please read Cautions and warnings and
Page 3 of 9
Important notes at the end of this document.
Technical data and specifications
Maximum ratings
Vmax (up to 8 h daily)
480 V AC
Vmax (up to 1 min)
570 V AC
Imax
Up to 1.4 • IR (A) including combined effects of harmonics,
overvoltages and capacitance tolerance
IS
300 • IR (A)
Test data
VTT
950 V AC / 50 Hz during 10 s
VTC
3 000 V AC / 50 Hz during 10 s
*tan δ (50 Hz)
≤ 0.7 W / kvar
* Without discharge resistor
Characteristics
MKK440-D-30-02
Rated capacitance CN
3 • 164 µF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VN
440 V AC
Rated frequency fN
50 Hz
Output
30.0 kvar
Rated current IR
39 A
tan δ0 (dielectric)
0.2 W / kvar
Design data
Dimensions (d x h)
136 x 200 mm
Weight approx
3.2 kg
Impregnation
Non PCB, Semi-dry biodegradable resin.
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position possible.
See “Maintenance and Installation Manual” for further details.


Similar Part No. - B25673A4302A040_11

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25673A4302A040 EPCOS-B25673A4302A040_09 Datasheet
125Kb / 9P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25673A4302A040_11

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com