Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4981 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS4981
Description  Monolithic Video Sync Separators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4981 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS4981 Datasheet HTML 2Page - Gennum Corporation GS4981 Datasheet HTML 3Page - Gennum Corporation GS4981 Datasheet HTML 4Page - Gennum Corporation GS4981 Datasheet HTML 5Page - Gennum Corporation GS4981 Datasheet HTML 6Page - Gennum Corporation GS4981 Datasheet HTML 7Page - Gennum Corporation GS4981 Datasheet HTML 8Page - Gennum Corporation GS4981 Datasheet HTML 9Page - Gennum Corporation GS4981 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
GS1881, GS4881, GS4981 Monolithic Video Sync
Separators
Data Sheet
6926 - 5
November 2009
6 of 29
Proprietary & Confidential
2.3 GS4981 Electrical Characteristics
Table 2-2 shows the electrical characteristics of the GS4981 where conditions are
VCC = 5V, RSET = 680kΩ, TA =25°C, unless otherwise shown.
Horizontal Scan Rate
Modified RSET
15
130
kHz
Logic Outputs
(a) VOH
Ι OH = 40μAVCC = 5V
4.2
4.6
V
VCC = 12V
11.2
11.6
V
Ι OH =
1.6mA
VCC = 5V
2.4
3.4
V
VCC = 12V
9.4
10.4
V
(b) VOL
Ι OL = 1.6mA
0.3
0.6
V
NOTES:
1. When placing the RSET resistor and the 0.1μF decoupling capacitor, careful attention should be made to ensure that they are as close as
possible to Pin 6. Care should also be taken to avoid parasitic capacitive coupling from any output pin (Pins 1, 3, 5 and 7) to Pin 6.
2. Measured from slicing point of input falling edge to 50% point of composite sync falling edge.
Table 2-2: GS4881 Electrical Characteristics (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Table 2-3: GS4981 Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
4.5
5
13.2
V
Supply Current
Outputs at
Logic 1
VCC = 5V
4.6
30
mA
VCC = 12V
5.0
6.5
mA
Video Input (Pin 2)
(a) Signal Level
VCC = 5V
0.5
4
Vp-p
(b) Clamp Current
Charge
500
650
850
μA
Discharge - normal
9
11
13
μA
Discharge - Nosync flag raised
65
95
115
μA
(c) Delay to raising of Nosync flag
Video input held high
64
95
130
μs
(d) Sync Tip Clamp Voltage
1.55
V
Sync Slice Level
Relative to sync tip clamp voltage
70
77
84
mV
RSET Pin Reference Voltage (Pin 6)
See Note 1.
1.14
1.24
1.34
V
Composite Sync Out (Pin 1)
See Note 2.
CL = 15p
40
60
80
ns
Delay from Video
Back Porch Pulse Out (Pin 5)


Similar Part No. - GS4981

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CDA GENNUM-GS4981-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CKA GENNUM-GS4981-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CTA GENNUM-GS4981-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-IDA GENNUM-GS4981-IDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS4981

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com