Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1582 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1582 Datasheet(HTML) 2 Page - Gennum Corporation

  GS1582 Datasheet HTML 1Page - Gennum Corporation GS1582 Datasheet HTML 2Page - Gennum Corporation GS1582 Datasheet HTML 3Page - Gennum Corporation GS1582 Datasheet HTML 4Page - Gennum Corporation GS1582 Datasheet HTML 5Page - Gennum Corporation GS1582 Datasheet HTML 6Page - Gennum Corporation GS1582 Datasheet HTML 7Page - Gennum Corporation GS1582 Datasheet HTML 8Page - Gennum Corporation GS1582 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
GS1582 Multi-Rate Serializer with Cable Driver, Audio
Multiplexer and ClockCleanerTM
Data Sheet
40117 - 3
March 2009
2 of 115
10mW by also removing the power to the cable driver and
eliminating transitions at the parallel data and clock inputs.
The GS1582 is Pb-free and RoHS compliant.
Functional Block Diagram
GS1582 Functional Block Diagram
Input
Mux/
Demux
DIN[19:0]
SD/HD
Audio
Embedding
SMPTE 352M
Generation and
Insertion
ANC Data
Insertion
TRS, Line
Number
and CRC
Insertion
EDH
Packet
Insertion
NRZ/NRZI
SMPTE
Scrambler
DVB ASI
ENDEC
F/DE
V/VSYNC
H/HSYNC
TIM_861
Parallel to Serial
Converter
Mux
SMPTE
Cable
Driver
SDO
SDO
RSET
SDO_EN/DIS
PCLK
ACLK1
ACLK2
WCLK1
WCLK2
Ain_1/2
Ain_3/4
Ain_5/6
Ain_7/8
AUDIO_INT
GRP1_EN/DIS
GRP2_EN/DIS
GSPI
Host Interface
HANC/
VANC
Blanking
PhaseDetector/
Chargepump
2.5V
Regulator
LOCKED
ClockCleaner™


Similar Part No. - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Similar Description - GS1582

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com