Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1575B Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS1575B
Description  HD-LINX II Multi-Rate SDI Automatic Reclocker
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1575B Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1575B Datasheet HTML 6Page - Gennum Corporation GS1575B Datasheet HTML 7Page - Gennum Corporation GS1575B Datasheet HTML 8Page - Gennum Corporation GS1575B Datasheet HTML 9Page - Gennum Corporation GS1575B Datasheet HTML 10Page - Gennum Corporation GS1575B Datasheet HTML 11Page - Gennum Corporation GS1575B Datasheet HTML 12Page - Gennum Corporation GS1575B Datasheet HTML 13Page - Gennum Corporation GS1575B Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
10 of 28
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
+3.6 VDC
Input Voltage
Vcc + 0.5V
Operating Temperature Range
0°C to 70°C
Storage Temperature Range
-50°C < Ts < 125°C
Input ESD Voltage
1kV
Solder Reflow Temperature
260°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
Operating Range
3.135
3.3
3.465V
Supply Current
ICC
SCO enabled,
TA=25°C
215
260mA
ICC
SCO disabled,
TA=25°C
195
230
mA
Power Consumption
SCO enabled,
TA=25°C
710
mW
SCO disabled,
TA=25°C
645
mW
Logic Inputs
DDI_SEL[1:0], BYPASS,
AUTOBYPASS, AUTO/MAN, ASI/177,
DDO_MUTE
VIH
High
2.0
V
VIL
Low
0.8
V
Logic Outputs
SD/HD, LOCKED, LOS
VOH
250uA Load
2.8
V
VOL
250uA Load
0.5
V
Bi-Directional Pins (Manual Mode)
SS[2:0], AUTO/MAN = 0
VIH
High
2.0
V
VIL
Low
0.8
V


Similar Part No. - GS1575B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1575B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com