Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1545-CQR Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1545-CQR
Description  HDTV Serial Digital Equalizing Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1545-CQR Datasheet(HTML) 4 Page - Gennum Corporation

  GS1545-CQR Datasheet HTML 1Page - Gennum Corporation GS1545-CQR Datasheet HTML 2Page - Gennum Corporation GS1545-CQR Datasheet HTML 3Page - Gennum Corporation GS1545-CQR Datasheet HTML 4Page - Gennum Corporation GS1545-CQR Datasheet HTML 5Page - Gennum Corporation GS1545-CQR Datasheet HTML 6Page - Gennum Corporation GS1545-CQR Datasheet HTML 7Page - Gennum Corporation GS1545-CQR Datasheet HTML 8Page - Gennum Corporation GS1545-CQR Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
GENNUM CORPORATION
522 - 28 - 05
4 of 19
AC ELECTRICAL CHARACTERISTICS - RECLOCKER STAGE
VCC = 5V, TA = 25°C
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST
LEVEL
Serial Input – Data Rate
SMPTE 292M
BRSDI
1.485/1.001
1.485
-
Gb/s
3
Serial Input – Jitter Tolerance
Sinewave Modulation (p – p)
JTOL
0.5
0.6
-
UI
9
Phase Lock Time -
Asynchronous
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
TALOCK
-
120
145
ms
7
Phase Lock Time - Synchronous
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
TSLOCK
-2
3.2
µs
7
Carrier Detect Response Time
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
-12
14
ms
7
Phase Lock/Unlock Time
(1nF PLCAP)
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
80
-
-
µs
7
Digital Data Output (DDO) –
Signal Swing
VDDO
355
400
480
mV
1
Digital Data Output (DDO) –
Rise and Fall Time
tR-DDO, tF-DDO
-
160
-
ps
7
Digital Data Output (DDO) –
Rise and Fall Time Mismatch
-30
-
ps
7
Digital Data Output (DDO) –
Intrinsic Jitter
(RMS Jitter for clean PRN 2
23 – 1
input on DDI/DDI inputs)
tIJ
-10
-
ps
9
Loop bandwidth
@ 0.2UI jitter modulation
LBCONT floating
1.2
1.4
1.5
MHz
7
Jitter peaking
--
0.1
dB
7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.


Similar Part No. - GS1545-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1545-CQR GENNUM-GS1545-CQR Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
More results

Similar Description - GS1545-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com