Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1540 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1540
Description  HDTV Serial Digital Non-Equalizing Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1540 Datasheet(HTML) 4 Page - Gennum Corporation

  GS1540 Datasheet HTML 1Page - Gennum Corporation GS1540 Datasheet HTML 2Page - Gennum Corporation GS1540 Datasheet HTML 3Page - Gennum Corporation GS1540 Datasheet HTML 4Page - Gennum Corporation GS1540 Datasheet HTML 5Page - Gennum Corporation GS1540 Datasheet HTML 6Page - Gennum Corporation GS1540 Datasheet HTML 7Page - Gennum Corporation GS1540 Datasheet HTML 8Page - Gennum Corporation GS1540 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
GENNUM CORPORATION
522 - 27 - 03
4 of 17
AC ELECTRICAL CHARACTERISTICS - RECLOCKER STAGE
VCC = 5V, TA = 25°C
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST
LEVEL
Serial Input – Data Rate
SMPTE 292M
BRSDI
1.485/1.001
1.485
-
Gb/s
3
Serial Input – Jitter Tolerance
Sinewave Modulation (p – p)
JTOL
-0.6
-
UI
9
Phase Lock Time - Asynchronous
Loop bandwidth
approximately 1.4MHz @ 0.2
UI input jitter modulation
(LBCONT floating).
TALOCK
-
120
145
ms
7
Phase Lock Time - Synchronous
Loop bandwidth
approximately 1.4MHz @ 0.2
UI input jitter modulation
(LBCONT floating).
TSLOCK
-2
3.2
µs
7
Carrier Detect Time
Loop bandwidth
approximately 1.4MHz @ 0.2
UI input jitter modulation
(LBCONT floating).
-12
14
ms
7
Phase Lock/Unlock Time
(1nF PLCAP)
Loop bandwidth
approximately 1.4MHz @ 0.2
UI input jitter modulation
(LBCONT floating).
80
-
-
µs
7
Digital Data Output (DDO) –
Signal Swing
VDDO
355
400
480
mV
1
Digital Data Output (DDO) -
Rise and Fall Time
tR-DDO, tF-
DDO
-
160
-
ps
7
Digital Data Output (DDO) –
Rise and Fall Time Mismatch
-30
-
ps
7
Digital Data Output (DDO) –
Intrinsic Jitter
(RMS Jitter for clean PRN 2
23
– 1 input on DDI/DDI inputs)
tIJ
-10
-
ps
9
Loop bandwidth
@ 0.2UI jitter modulation
LBCONT floating
1.2
1.4
1.5
-
MHz
7
Jitter peaking
--
0.1
dB
7


Similar Part No. - GS1540

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQR GENNUM-GS1540-CQR Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
More results

Similar Description - GS1540

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com