Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1535A Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS1535A
Description  Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535A Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS1535A_06 Datasheet HTML 3Page - Gennum Corporation GS1535A_06 Datasheet HTML 4Page - Gennum Corporation GS1535A_06 Datasheet HTML 5Page - Gennum Corporation GS1535A_06 Datasheet HTML 6Page - Gennum Corporation GS1535A_06 Datasheet HTML 7Page - Gennum Corporation GS1535A_06 Datasheet HTML 8Page - Gennum Corporation GS1535A_06 Datasheet HTML 9Page - Gennum Corporation GS1535A_06 Datasheet HTML 10Page - Gennum Corporation GS1535A_06 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 4
June 2006
7 of 27
24, 25, 26
SS[2:0]
Bi-directional
When AUTO/MAN is HIGH, SS[0:2] are outputs, displaying the data rate to
which the PLL has locked.
When AUTO/MAN is LOW, SS[0:2] are inputs, forcing the PLL to lock only to a
selected data rate
.
*Only applies to the GS1535A. For the GS9065A, when AUTO/MAN is LOW, the
pin settings SS[0:2] = 101 will be ignored by the device.
27
ASI/177
Logic Input
When set HIGH, the device disables the 177Mb/s data rate in the data rate
detection circuit. This prevents a false lock to 177Mb/s when using DVB-ASI.
When set LOW, 177Mb/s lock is possible, however, if a 270Mb/s ASI signal is
applied, the device could false lock to the 177MHz signal.
28
LD
Output
Lock Detect.
This pin is set HIGH by the device when the PLL is locked.
29
RSVD
Reserved
Do not connect.
30
VCC_DIG
Power
Most positive power supply connection for the internal glue logic.
Connect to 3.3V.
31
VEE_DIG
Power
Most negative power supply connection for the internal glue logic.
Connect to GND.
33
SD/HD
Output
GS1535A:
This signal will be set LOW by the device when the reclocker has locked to
1.485Gbps or 1.485/1.001Gbps, or when a non-SMPTE standard is applied (i.e.
the device is not locked).
It will be set HIGH when the reclocker has locked to 143Mbps, 177Mbps,
270Mbps, 360Mbps, or 540Mbps.
GS9065A:
This signal will go HIGH when the reclocker has locked to the input SD signal. It
will be LOW otherwise.
34
KBB
Analog Input
Controls the loop bandwidth of the PLL.
Leave this pin floating for serial reclocking applications.
35, 38 - 42
RSVD
Reserved
Do not connect.
36
DDO_MUTE
Logic Input
Mutes the DDO/DDO outputs, when not in bypass mode.
Table 1-1: GS1535A / GS9065A Pin Descriptions (Continued)
Pin Number
Name
Type
Description
SS2
SS1
SS0
DATA RATE
SELECTED/FORCED
(Mb/s)
0
0
0
143
0
0
1
177
0
1
0
270
0
1
1
360
1
0
0
540
1
0
1
1483.5/1485*


Similar Part No. - GS1535A_06

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1535A_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com