Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4744A Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # ZM4744A
Description  1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

ZM4744A Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  ZM4744A Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd ZM4744A Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd ZM4744A Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd ZM4744A Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Number: DB-226
Nov, 2010 / A
Page 3
S EM IC OND UC TOR
Package Outline
Package
Case Outline
LL- 41
MELF
LL- 41 MELF
Millimeters
Inches
DIM
Min
Max
Min
Max
A
4.80
5.20
0.189
0.205
B
2.39
2.66
0.094
0.105
C
0.41
0.55
0.016
0.022
Notes:
1.
All dimensions are within DO-213AB JEDEC standard.
2.
LL-41 MELF polarity denoted by cathode band.
B
C
A


Similar Part No. - ZM4744A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4744A DIODES-ZM4744A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4744A VISHAY-ZM4744A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
TAITRON Components Inco...
ZM4744A TAITRON-ZM4744A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4744A PACELEADER-ZM4744A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
ZM4744A VISHAY-ZM4744A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
More results

Similar Description - ZM4744A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCZM4728A TAK_CHEONG-TCZM4728A Datasheet
81Kb / 3P
   1 Watt LL-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZM4728A YEASHIN-ZM4728A Datasheet
689Kb / 3P
   1 Watt DL-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com