Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1524ACTDE3 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS1524ACTDE3
Description  Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524ACTDE3 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS1524ACTDE3 Datasheet HTML 3Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 4Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 5Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 6Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 7Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 8Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 9Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 10Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS1524A Adaptive Cable Equalizer
Data Sheet
28852 - 5
June 2009
7 of 16
2.3 AC Electrical Characteristics
CD/MUTE Input Voltage
Required to Force Outputs
to Mute
VCD/MUTE
Mute
2.0
V
CD/MUTE Input Voltage
Required to Force Outputs
Active
VCD/MUTE
Activate
0.8
V
Table 2-1: DC Electrical Characteristics (Continued)
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
GS1524A
143
1485
Mb/s
Input Voltage Swing
ΔV
SDI
TA =25°C, at transmitter
720
800
950
mVp-p
0m cable
length
Output Voltage Swing
ΔV
SDO
50Ω load, TA =25°C,
differential
–750
mVp-p
Output Jitter for Various
Cable Lengths and Data
Rates
270Mb/s
Belden 1694A: 0-350m
Belden 8281: 0-280m
0.2
UI
1,4
1.485Gb/s
Belden 1694A: 0-140m
Belden 8281: 0-100m
–0.25–
UI
1,4
1.485Gb/s
Belden 1694A: 140-200m
0.3
UI
3,4
Output Rise/Fall time
20% - 80%
80
220
ps
Mismatch in rise/fall time
30
ps
Duty cycle distortion
30
ps
Overshoot
10
%
Input Return Loss
15
dB
2
Input Resistance
single ended
1.64
Input Capacitance
single ended
1
pF


Similar Part No. - GS1524ACTDE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
logo
Semtech Corporation
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

Similar Description - GS1524ACTDE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com