Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GO1515-CTAE3 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GO1515-CTAE3
Description  Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GO1515-CTAE3 Datasheet(HTML) 3 Page - Gennum Corporation

  GO1515-CTAE3 Datasheet HTML 1Page - Gennum Corporation GO1515-CTAE3 Datasheet HTML 2Page - Gennum Corporation GO1515-CTAE3 Datasheet HTML 3Page - Gennum Corporation GO1515-CTAE3 Datasheet HTML 4Page - Gennum Corporation GO1515-CTAE3 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
522 - 40 - 04
3 of 5
Fig. 1 Footprint of the GO1515
DIMENSIONS
SOLDERING RECOMMENDATIONS
Reflow Conditions
The device will meet the data sheet specifications after
completing the reflow process according to the profile
shown in Figure 3 or Figure 4. Do not reflow the device
more than twice.
Endurance To Warp
When the device is soldered on a printed circuit board
(dimension: 100mm x 100mm; thickness: 1.6mm) and the
PCB is warped as shown in Figure 2, the device will not be
cracked or damaged.
Fig. 2 PCB Warp
Soldering Flux
Do not use cleaning type flux. Washing the devices after
using cleaning type flux may damage inner parts and affect
performance.
OUT
NC
GND
VCC
VCTR
GND
65
55
40
40
55
65
45
GND
GND
GO1515
TOP VIEW
All dimensions are in mils
1 mil = 1/1000 inch
GO1515
TOP VIEW
2.0
±0.3
4.2
±0.3
6.0
MAX
1.6±0.5
4.7±0.3
6.3±0.3
7.8 MAX
All dimensions in millimetres.
NC
GND
OUT
VCC
VCTR
GND
GND
GND
2.0 MAX
VCO
PCB
MAX 2mm


Similar Part No. - GO1515-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GO1515-CTA GENNUM-GO1515-CTA Datasheet
47Kb / 4P
   Voltage Controlled Oscillator
More results

Similar Description - GO1515-CTAE3

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com