Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP840 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP840
Description  N-Channel Power MOSFET 8A, 500V, 0.9廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP840 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP840 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP840 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP840 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP840 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP840 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP840 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP840 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Number: DB-192
March 2010, Revision B
Page 2
TAK CHEONG
®
SEMICONDUCTOR
ELECTRICAL CHARACTERISTICS
Off Characteristics (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Sounce Breakdown Voltage
VGS = 0V, ID = 250uA
500
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
--
--
10
uA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS (th)
Gate Threshold Voltage
VDS = VGS , ID = 250uA
2.0
--
4.0
V
RDS(ON)
On-Resistance
VGS = 10V, ID = 4.0A
--
0.62
0.9
Ω
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
--
1100
--
pF
Coss
Output Capacitance
--
115
--
pF
Crss
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
5
--
pF
Switching Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-On Delay Time
--
34
--
nS
tr
Turn-On Rise Time
--
24
--
nS
td(off)
Turn-Off Delay Time
--
208
--
nS
tr
Turn-Off Fall Time
VDD = 250V, ID = 8A,
RG = 25Ω
(Note 3 & 4)
--
31
--
nS
Qg
Total Gate Charge
--
31
--
nC
Qgs
Gate-Source Charge
--
5.6
--
nC
Qgd
Gate-Drain Charge
VDS = 400V, ID = 8A,
VGS = 10V
(Note 3 & 4)
--
12
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
8.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
32
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 8A
--
--
1.5
V
Trr
Reverse Recovery Time
--
270
--
nS
Qrr
Reverse Recovery Charge
VGS = 0V, IS = 8A,
dIF / dt = 100A/uS
(Note 3)
--
1.89
--
uC
Notes:
3. Pulse Test: Pulse width
< 300us, Duty cycle ≤ 2%.
4. Basically not affected by working temperature.


Similar Part No. - TFP840

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP830 TAK_CHEONG-TFP830 Datasheet
330Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFP8N60 TAK_CHEONG-TFP8N60 Datasheet
762Kb / 8P
   N-Channel Power MOSFET 8A, 600V, 1.0廓
More results

Similar Description - TFP840

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
   N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840 UTC-UF840_11 Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com