Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP4N60 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP4N60
Description  N-Channel Power MOSFET 4.1A, 600V, 2.5廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP4N60 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP4N60 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Number: DB-183
July 2011, Revision B
Page 1
TAK CHEONG
®
SEMICONDUCTOR
N-Channel Power MOSFET
4.1A, 600V, 2.5Ω
General Description
The N-Channel MOSFET is used an advanced termination
scheme to provide enhanced voltage-blocking capability
without degrading performance over time. This advanced
technology has been especially tailored to minimize on-state
resistance, provide superior switching performance. This
device is well suited for high efficiency switched mode power
suppliers, active power factor correction, electronic lamp
ballasts based half bridge topology.
Features
Robust high voltage termination
Avalanche energy specified
Diode is characterized for use in bridge circuits
Source to Drain diode recovery time comparable to a
discrete fast recovery diode.
1 = Gate
2 = Drain
3 = Source
DEVICE MARKING DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
C =25°C, unless otherwise noted )
Symbol
Parameter
Value
Units
VDSS
Drain- Source Voltage
600
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current
4.1
A
IDM
Drain Current Pulsed
16.4
A
Power Dissipation
(Note 2)
98
W
PD
Derating factor above 25℃
0.78
W/℃
EAS
Single Pulsed Avalanche Energy
(Note 1)
262
mJ
EAR
Repetitive Avalanche Energy
(Note 2)
3.9
mJ
TJ
Operating Junction Temperature
150
Tstg
Storage Temperature Range
- 55 to +150
Notes:
1. L=26mH, IAS=4.1A, VDD=50V, RG=50Ω, Starting TJ=25℃
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
RθJC
Thermal Resistance, Junction-to-Case
1.28
/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
/W
1
2
3
TO-220AB
G
D
S
L xxyy
TFP
XXXX
L = Tak Cheong Logo
xxyy = Monthly Date Code
TFPXXXX = Device Type


Similar Part No. - TFP4N60

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP4N65 TAK_CHEONG-TFP4N65 Datasheet
325Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
More results

Similar Description - TFP4N60

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF4N60 TAK_CHEONG-TFF4N60 Datasheet
337Kb / 8P
   N-Channel Power MOSFET 4.1A, 600V, 2.5廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
logo
Will Semiconductor Ltd.
WNMD2168 WILLSEMI-WNMD2168 Datasheet
1Mb / 7P
   Dual N-Channel, 20V, 4.1A, Power MOSFET
logo
Taiwan Semiconductor Co...
TSM60N380 TSC-TSM60N380 Datasheet
391Kb / 9P
   600V, 11A, 0.38廓 N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Taiwan Semiconductor Co...
TSM60N1R4 TSC-TSM60N1R4 Datasheet
545Kb / 7P
   600V, 3.3A, 1.4廓 N-Channel Power MOSFET
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Tak Cheong Electronics ...
TFF2N60A TAK_CHEONG-TFF2N60A Datasheet
303Kb / 8P
   N-Channel Power MOSFET 2.1A, 600V, 5.6廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com