Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFF50N06 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFF50N06
Description  N-Channel Power MOSFET 28A, 60V, 0.023廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFF50N06 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFF50N06 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF50N06 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Number: DB-230
August 2011, Revision A
Page 2
TAK CHEONG
®
SEMICONDUCTOR
ELECTRICAL CHARACTERISTICS
Off Characteristics (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Sounce Breakdown Voltage
VGS = 0V, ID = 250uA
60
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
--
--
1
uA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25V, VDS = 0V
--
--
-100
nA
On Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS (th)
Gate Threshold Voltage
VDS = VGS , ID = 250uA
2.0
--
4.0
V
RDS(ON)
On-Resistance
VGS = 10V, ID = 25A
--
0.017
0.023
Ω
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
--
--
1460
pF
Coss
Output Capacitance
--
--
580
pF
Crss
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
--
90
pF
Switching Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-On Delay Time
--
50
--
nS
tr
Turn-On Rise Time
--
165
--
nS
td(off)
Turn-Off Delay Time
--
78
---
nS
tr
Turn-Off Fall Time
VDD = 30V, ID = 25A,
RG = 25Ω
(Note 4 & 5)
--
60
--
nS
Qg
Total Gate Charge
--
36
45
nC
Qgs
Gate-Source Charge
--
8.5
--
nC
Qgd
Gate-Drain Charge
VDS = 160V, ID = 50A,
VGS = 10V
(Note 4 & 5)
--
12
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Min.
Typ,
Max.
Unit
IS
Continuous Drain-Source Current
--
--
28
A
ISM
Pulsed Drain-Source Current
Integral
Reverse
p-n
Junction Diode in the
MOSFET
--
--
112
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 50A
--
--
1.5
V
Trr
Reverse Recovery Time
--
95
--
nS
Qrr
Reverse Recovery Charge
VGS = 0V, IS = 50A,
dIF / dt = 100A/uS
(Note 4)
--
250
--
uC
Notes:
4. Pulse Test: Pulse width
< 300us, Duty cycle ≤ 2%.
5. Basically not affected by working temperature.


Similar Part No. - TFF50N06

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
C&K Components
TFF5SP0040C CK-COMPONENTS-TFF5SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
More results

Similar Description - TFF50N06

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP50N06 TAK_CHEONG-TFP50N06 Datasheet
327Kb / 8P
   N-Channel Power MOSFET 50A, 60V, 0.023廓
logo
Taiwan Semiconductor Co...
TSM280NB06LCR TSC-TSM280NB06LCR Datasheet
312Kb / 6P
   N-Channel Power MOSFET 60V, 28A, 28m廓
logo
Unisonic Technologies
UFZ24N UTC-UFZ24N Datasheet
187Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
UFZ34 UTC-UFZ34 Datasheet
199Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDA28N50 FAIRCHILD-FDA28N50 Datasheet
688Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.155廓
logo
Taiwan Semiconductor Co...
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
   N-Channel Power MOSFET 60V, 35A, 22m廓
TSM048NB06LCR TSC-TSM048NB06LCR Datasheet
314Kb / 6P
   N-Channel Power MOSFET 60V, 107A, 4.8m廓
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
   N-Channel Power MOSFET 60V, 35A, 22m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com