Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFF10N60 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFF10N60
Description  N-Channel Power MOSFET 10A, 600V, 0.75廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFF10N60 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFF10N60 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF10N60 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Number: DB-221
May 2010, Revision A
Page 2
TAK CHEONG
®
S EM IC OND UC TOR
ELECTRICAL CHARACTERISTICS
Off Characteristics (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Sounce Breakdown Voltage
VGS = 0V, ID = 250uA
600
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
--
--
25
uA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20V, VDS = 0V
--
--
10
uA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20V, VDS = 0V
--
--
-10
uA
On Characteristics (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS (th)
Gate Threshold Voltage
VDS = VGS , ID = 250uA
2.0
--
4.0
V
RDS(ON)
On-Resistance
VGS = 10V, ID = 5A
--
0.63
0.75
Ω
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
--
1430
--
pF
Coss
Output Capacitance
--
160
---
pF
Crss
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
28
--
pF
Switching Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-On Delay Time
--
20
--
nS
tr
Turn-On Rise Time
--
20
--
nS
td(off)
Turn-Off Delay Time
--
55
--
nS
tr
Turn-Off Fall Time
VDD = 300V, ID = 10A,
VGS = 10V, RG = 4.7Ω
(Note 3 & 4)
--
30
--
nS
Qg
Total Gate Charge
--
60
70
nC
Qgs
Gate-Source Charge
--
12
--
nC
Qgd
Gate-Drain Charge
VDS = 480V, ID = 10A,
VGS = 10V
(Note 3 & 4)
--
28
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Min.
Typ,
Max.
Unit
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
10
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
40
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 10A
--
--
1.5
V
Trr
Reverse Recovery Time
--
600
--
nS
Qrr
Reverse Recovery Charge
--
4.3
--
nC
IRRM
Reverse Recovery Current
VGS = 0V, IS = 10A,
dIF / dt = 100A/uS
(Note 3)
--
13
--
A
Notes:
3. Pulse Test: Pulse width 380us, Duty cycle ≤ 2%.
4. Basically not affected by working temperature.


Similar Part No. - TFF10N60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFF1003HN NXP-TFF1003HN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
TFF1004HN NXP-TFF1004HN Datasheet
155Kb / 19P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 01-25 August 2008
TFF1004HN/N1 NXP-TFF1004HN/N1 Datasheet
155Kb / 19P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 01-25 August 2008
TFF1007HN NXP-TFF1007HN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
TFF1012HN NXP-TFF1012HN Datasheet
138Kb / 12P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 1-10 October 2013
More results

Similar Description - TFF10N60

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP10N60 TAK_CHEONG-TFP10N60 Datasheet
3Mb / 8P
   N-Channel Power MOSFET 10A, 600V, 0.75廓
logo
MagnaChip Semiconductor...
MDFS10N60D MGCHIP-MDFS10N60D Datasheet
942Kb / 6P
   N-Channel MOSFET 600V, 10A, 0.75(ohm)
logo
Taiwan Semiconductor Co...
TSM10ND60CI TSC-TSM10ND60CI Datasheet
333Kb / 6P
   N-Channel Power MOSFET 600V, 10A, 0.6廓
TSM60N750 TSC-TSM60N750 Datasheet
812Kb / 7P
   600V, 6A, 0.75 N-Channel Power MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N60 HSMC-H10N60 Datasheet
211Kb / 5P
   N-Channel Power MOSFET (600V,10A)
logo
MagnaChip Semiconductor...
MMD60R750P MGCHIP-MMD60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com