Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-AUH249 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC-AUH249
Description  GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-AUH249 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC-AUH249 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 6Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 7Page - Hittite Microwave Corporation HMC-AUH249 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4
4 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
• 1 mil diameter wire bonds are used on vgg1 and vgg2 connections to the capacitors and 27Ω resistors.
• 0.5mil x 3mil ribbon bonds are used on rF connections
• capacitors and resistors on vgg1 and vgg2 are used to filter low frequency, <800Mhz, rF pickup
• 35Ω and 50Ω resistors are fabricated on a 5mil alumina substrate and should be suitable for use as a high
frequency termination.
• For best gain flatness and group delay variation, eccosorb can be epoxied on the transmission line
covering the center 3/4 of the transmission line length. eccosorb may also be placed partially across the
res1 pad and 35Ω resistor for improved gain flatness and group delay variation.
(The insertion of the transmission line helps reduce low frequency, <10GHz, gain ripple)
• silver-filled conductive epoxy is used for die attachment
(Backside of the die should be grounded and the GND pads are connected to the backside metal through Vias)
Device Operation
Device Mounting
these devices are susceptible to damage from electrostatic discharge. proper precautions should be observed
during handling, assembly and test.
the input to this device should be ac-coupled.
Device Power Up Instructions
1. Ground the device
2. Bring vgg1 to -0.5v (no vbias current)
3. Bring vgg2 to +1.5v (no vbias current)
4. Bring vdd to +5v (150ma to 225ma drain current)
(Initially the drain current (Vbias) will rise sharply with a small Vbias voltage, but will flatten out as Vbias
approaches 5V)
• vgg1 should be varied between -1.0v and 0v to achieve 200ma current on the drain (vbias).
• vbias may be increased to +5.5v if required to achieve greater output voltage swing.
• vgg2 may be adjusted between +1.5v and +0.3v to vary the output voltage swing.
Device Power Down Instructions
1. reverse the sequence identified above in steps 1 through 4.
HMC-AUH249
v04.0909
GaAs HEMT MMIC MODULATOR
DRIVER AMPLIFIER, DC - 35 GHz


Similar Part No. - HMC-AUH249

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH249 AD-HMC-AUH249 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-AUH249

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC-AUH232 HITTITE-HMC-AUH232_09 Datasheet
400Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
212Kb / 5P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
logo
Analog Devices
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-AUH312 HITTITE-HMC-AUH312 Datasheet
232Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, 0.5 - 65 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com