Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-AUH232 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-AUH232
Description  GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-AUH232 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-AUH232_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 8Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4
4 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs HEMT MMIC MODULATOR
DRIVER AMPLIFIER, DC - 43 GHz
v02.0209
General Description
Features
Functional Diagram
Small Signal Gain: 12 dB
Output Voltage: up to 8V pk-pk
Single-Ended I/Os
High Speed Performance: 46 GHz 3 dB Bandwidth
Low Power Dissipation: 0.9 W
Small Die Size: 2.1 x 1.70 x 0.1 mm
Electrical Specifications*, T
A = +25 °C
Typical Applications
This HMC-AUH232 is ideal for:
• 40 Gb/s Lithium Niobate/ Mach Zender
Fiber Optic Modulators
• Broadband Gain Block for Test & Measurement
Equipment
• Broadband Gain Block for RF Applications
• Military & Space
The HMC-AUH232 is a GaAs MMIC HEMT Distributed
Driver Amplifier die which operates between DC and
43 GHz and provides a typical 3 dB bandwidth of
46 GHz. The amplifier provides 12 dB of small
signal gain while requiring only 180 mA from a +5V
supply. The HMC-AUH232 exhibits very good gain
and phase ripple to 40 GHz, and can output up to
8V peak-to-peak with low jitter, making it ideal for use
in broadband wireless, fiber optic communication and
test equipment applications. The amplifier die occupies
less than 3.6 mm2 which facilitates easy integration
into Multi-Chip-Modules (MCMs). The HMC-AUH232
requires external bias-tee as well as off-chip blocking
components and bypass capacitors for the DC supply
lines. A gate voltage adjust, Vgg2 is provided for
limited gain adjustment, while Vgg1 adjusts the bias
current for the device.
HMC-AUH232
Parameter
Min.
Typ.
Max.
Units
Frequency Range
DC - 43
GHz
Small Signal Gain
0.5 - 5.0 GHz
12
14
dB
35 - 45 GHz
10
12.5
dB
Input Return Loss
10
dB
Output Return Loss
8.5
dB
Supply Current
180
225
mA
3 dB Bandwidth
43
46
GHz
Gain Ripple (5 to 35 GHz)
±0.6
±1
dB
Group Delay Variation[1]
0.5 - 5.0 GHz
±14
±20
ps
5 - 30 GHz
±10
±11
ps
30 - 45 GHz
±22
±25
ps


Similar Part No. - HMC-AUH232_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
212Kb / 5P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-AUH232_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
212Kb / 5P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC-AUH249 HITTITE-HMC-AUH249_10 Datasheet
2Mb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
logo
Analog Devices
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-AUH312 HITTITE-HMC-AUH312 Datasheet
232Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, 0.5 - 65 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com