Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-ALH444 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-ALH444
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH444 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-ALH444_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH444_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH444_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH444_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH444_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH444_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 189
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled
and matched to 50 Ohms.
2RFOUT
This pad is AC coupled
and matched to 50 Ohms.
3Vdd
Power Supply Voltage for the amplifier. See assembly for
required external components.
4, 5
Vgg1, Vgg2
Gate control for amplifier. Please follow “MMIC Amplifier Bias-
ing Procedure” application note. See assembly for required
external components.
Die bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC-ALH444
v03.0410
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 1 - 12 GHz


Similar Part No. - HMC-ALH444_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
129Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ALH444 AD-HMC-ALH444 Datasheet
279Kb / 6P
   Surveillance Systems
HMC-ALH444 AD-HMC-ALH444 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-ALH444_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
129Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC772LC4 HITTITE-HMC772LC4_10 Datasheet
936Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC772LC4 HITTITE-HMC772LC4 Datasheet
235Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC753LP4E HITTITE-HMC753LP4E_11 Datasheet
1,015Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC753LP4 HITTITE-HMC753LP4_09 Datasheet
256Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC753LP4E HITTITE-HMC753LP4E Datasheet
256Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com