Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCBZV79B39 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZV79B39
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZV79B39 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZV79B39 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B39 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B39 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B39 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B39 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B39 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-057
Jan.2011 / F
Page 2
S EM IC OND UC TOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
VZ
Min
VZ
Max
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCBZV79C 13
12.4
14.1
5
30
1
170
0.1
8
TCBZV79C 15
13.8
15.6
5
30
1
200
0.05
10.5
TCBZV79C 16
15.3
17.1
5
40
1
200
0.05
11.2
TCBZV79C 18
16.8
19.1
5
45
1
225
0.05
12.6
TCBZV79C 20
18.8
21.2
5
55
1
225
0.05
14
TCBZV79C 22
20.8
23.3
5
55
1
250
0.05
15.4
TCBZV79C 24
22.8
25.6
5
70
1
250
0.05
16.8
TCBZV79C 27
25.1
28.9
2
80
0.5
300
0.05
18.9
TCBZV79C 30
28
32
2
80
0.5
300
0.05
21
TCBZV79C 33
31
35
2
80
0.5
325
0.05
23.1
TCBZV79C 36
34
38
2
90
0.5
350
0.05
25.2
TCBZV79C 39
37
41
2
130
0.5
350
0.05
27.3
TCBZV79C 43
40
46
2
150
0.5
375
0.05
30.1
TCBZV79C 47
44
50
2
170
0.5
375
0.05
32.9
TCBZV79C 51
48
54
2
180
0.5
400
0.05
35.7
TCBZV79C 56
52
60
2
200
0.5
425
0.05
39.2
TCBZV79C 62
58
66
2.5
215
0.5
1000
0.05
43.4
TCBZV79C 68
64
72
2.5
240
0.5
1000
0.05
47.6
TCBZV79C 75
70
80
2.5
255
0.5
1000
0.05
52.5
VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCBZV79B 2V4
2.35
2.45
5
100
1
600
100
1
TCBZV79B 2V7
2.65
2.75
5
100
1
600
75
1
TCBZV79B 3V0
2.94
3.06
5
95
1
600
50
1
TCBZV79B 3V3
3.23
3.37
5
95
1
600
25
1
TCBZV79B 3V6
3.53
3.67
5
90
1
600
15
1
TCBZV79B 3V9
3.82
3.98
5
90
1
600
10
1
TCBZV79B 4V3
4.21
4.39
5
90
1
600
5
1
TCBZV79B 4V7
4.61
4.79
5
80
1
500
3
2
TCBZV79B 5V1
5.00
5.20
5
60
1
480
2
2
TCBZV79B 5V6
5.49
5.71
5
40
1
400
1
2
TCBZV79B 6V2
6.08
6.32
5
10
1
150
3
4
TCBZV79B 6V8
6.66
6.94
5
15
1
80
2
4
TCBZV79B 7V5
7.33
7.63
5
15
1
80
1
5
TCBZV79B 8V2
8.04
8.36
5
15
1
80
0.7
5
TCBZV79B 9V1
8.92
9.28
5
15
1
100
0.5
6
TCBZV79B 10
9.80
10.20
5
20
1
150
0.2
7
TCBZV79B 11
10.78
11.22
5
20
1
150
0.1
8
TCBZV79B 12
11.76
12.24
5
25
1
150
0.1
8
TCBZV79B 13
12.74
13.26
5
30
1
170
0.1
8
TCBZV79B 15
14.70
15.30
5
30
1
200
0.05
10.5
TCBZV79B 16
15.68
16.32
5
40
1
200
0.05
11.2
TCBZV79B 18
17.64
18.36
5
45
1
225
0.05
12.6
TCBZV79B 20
19.60
20.40
5
55
1
225
0.05
14
TCBZV79B 22
21.56
22.44
5
55
1
250
0.05
15.4
TCBZV79B 24
23.52
24.48
5
70
1
250
0.05
16.8
TCBZV79B 27
26.46
27.54
2
80
0.5
300
0.05
18.9
TCBZV79B 30
29.40
30.60
2
80
0.5
300
0.05
21
TCBZV79B 33
32.34
33.66
2
80
0.5
325
0.05
23.1
TCBZV79B 36
35.28
36.72
2
90
0.5
350
0.05
25.2


Similar Part No. - TCBZV79B39

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZV79B39 TAK_CHEONG-TCBZV79B39 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZV79B39

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com