Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-ALH140 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-ALH140
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH140 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-ALH140 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH140 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH140 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH140 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH140 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH140 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 123
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled and matched to
50 Ohms.
2, 6
Vdd
Power Supply Voltage for the amplifier. See assembly for
required external components.
3, 5
Vgg
Gate control for amplifier. Please follow “MMIC Amplifier Bias-
ing Procedure” application note. See assembly for required
external components.
4RFOUT
This pad is AC coupled and matched to
50 Ohms.
Die bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC-ALH140
v02.0209
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 24 - 40 GHz


Similar Part No. - HMC-ALH140

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH140 HITTITE-HMC-ALH140 Datasheet
124Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH140 HITTITE-HMC-ALH140 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-ALH140 HITTITE-HMC-ALH140_07 Datasheet
178Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
More results

Similar Description - HMC-ALH140

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH244 HITTITE-HMC-ALH244_09 Datasheet
192Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH140 HITTITE-HMC-ALH140_07 Datasheet
178Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH244 HITTITE-HMC-ALH244 Datasheet
186Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH369 HITTITE-HMC-ALH369 Datasheet
134Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH140 HITTITE-HMC-ALH140 Datasheet
124Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH445 HITTITE-HMC-ALH445 Datasheet
244Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC-ALH445 HITTITE-HMC-ALH445_10 Datasheet
250Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC752LC4 HITTITE-HMC752LC4 Datasheet
254Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com