Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-ALH102 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-ALH102
Description  GaAs HEMT MMIC WIDEBAND
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH102 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-ALH102_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH102_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH102_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH102_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH102_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH102_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 118
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
Note 1: Bypass caps should be 100 pF (approximately) ceramic (single-layer) placed no farther than 30 mils from the amplifier
Note 2: Best performance obtained from use of <10 mil (long) by 3 by 0.5 mil ribbons on input and output.10 Ohms
Note 3: Gate bond pads (VG) exist on the upper & lower sides of the MMIC for assembly convenience. For best performance the
unused pad should be attached to a 100pF cap to ground, but is not required.
HMC-ALH102
v02.0209
GaAs HEMT MMIC WIDEBAND
LOW NOISE AMPLIFIER, 2 - 20 GHz


Similar Part No. - HMC-ALH102_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
   GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC-ALH102 AD-HMC-ALH102 Datasheet
270Kb / 6P
   Wideband Communications Receivers
More results

Similar Description - HMC-ALH102_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
   GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com