Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-ABH209 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC-ABH209
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 55 - 65 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ABH209 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC-ABH209_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ABH209_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ABH209_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ABH209_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ABH209_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ABH209_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
3 - 143
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Fixtured Output Power vs. Frequency
Output Return Loss vs. Frequency
Linear Gain vs. Frequency
Input Return Loss vs. Frequency
HMC-ABH209
v02.0209
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 55 - 65 GHz
0
2
4
6
8
10
12
14
16
18
50
52
54
56
58
60
62
64
66
68
FREQUENCY (GHz)
10
12
14
16
18
20
55
56
57
58
59
60
61
62
63
64
65
P1dB
P5dB
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
50
52
54
56
58
60
62
64
66
68
FREQUENCY (GHz)
10
12
14
16
18
20
55
56
57
58
59
60
61
62
63
64
65
FREQUENCY (GHz)


Similar Part No. - HMC-ABH209_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ABH209 HITTITE-HMC-ABH209 Datasheet
185Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 55 - 65 GHz
HMC-ABH209 HITTITE-HMC-ABH209 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ABH209 AD-HMC-ABH209 Datasheet
245Kb / 6P
   GAAS HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH209 AD-HMC-ABH209 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-ABH209_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ABH209 HITTITE-HMC-ABH209 Datasheet
185Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 55 - 65 GHz
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH241 AD-HMC-ABH241 Datasheet
295Kb / 6P
   Gaas HEMT MMIC MEDIUM POWER amplifier
HMC-APH196 AD-HMC-APH196 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH634 AD-HMC-APH634 Datasheet
247Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH317 AD-HMC-AUH317 Datasheet
356Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com