Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC993LP5E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC993LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
8
8 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Parameter
Frequency
Min.
Typ.
Max.
Units
Input Return Loss
(min. Attenuation)
1 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
15
13
13
13
dB
2 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
15
15
13
dB
Output Return Loss
(min. Attenuation)
1 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
17
23
17
18
dB
2 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
16
28
18
dB
Output Third Order Intercept Point
(Two-Tone Output Power= 0 dBm Each Tone) (min. Attenuation)
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
46
45
45
40
dBm
dBm
Output Power for 1dB Compression (min. Attenuation)
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
25
25
24.8
24
dBm
dBm
Noise Figure (min. Attenuation)
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
7.6
9.5
10.7
11.8
dB
Supply Current (Idd)
260
mA
Power Detector
Typ.
Typ.
Typ.
Typ
Units
Input Frequency
900
1900
2400
2800
MHz
±3 dB Dynamic Range
61
61
61
62
dB
DETOUT Slope
15.5
15.4
15.4
15.5
mV/dB
DETOUT Intercept
-68.2
-69.9
-70
-71.3
dBm
Veriation of DETOUT with
Temperature from -40°C to +85°C @20dBm Input
-1.3
-1.2
-1.2
-1.2
dB
[1] Unless otherwise noted, test conditions: ATTN1 + ATTN2 + AMP1 + AMP2 in cascade.
Electrical Specifications (continued),
T
A = +25° C, 50 Ohm System, VDD = DETVDD = +5V
[1]


Similar Part No. - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
More results

Similar Description - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
   IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012090Y3T WALSIN-RFLPF2012090Y3T Datasheet
555Kb / 7P
   500 ~ 700 MHz Band RF Applications
logo
Peregrine Semiconductor
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
   SPDT RF Switch, 700 MHz?? GHz
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Peregrine Semiconductor
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com