Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC975 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC975
Description  PIN MMIC HIGH ISOLATION SPDT SWITCH, 2 - 50 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC975 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC975 Datasheet HTML 1Page - Hittite Microwave Corporation HMC975 Datasheet HTML 2Page - Hittite Microwave Corporation HMC975 Datasheet HTML 3Page - Hittite Microwave Corporation HMC975 Datasheet HTML 4Page - Hittite Microwave Corporation HMC975 Datasheet HTML 5Page - Hittite Microwave Corporation HMC975 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC975
v00.0111
PIN MMIC HIGH ISOLATION
SPDT SWITCH, 2 - 50 GHz
Absolute Maximum Ratings
RF input power
23 dBm (2 - 6 Ghz)
30 dBm (6 - 50 Ghz)
Negative control Voltage
-15V
Forward Bias current
80 mA
Storage temperature
-65 to +150 °c
Operating temperature
-55 to +85 °c
eLectROStAtic SeNSitiVe DeVice
OBSeRVe hANDLiNG pRecAUtiONS
Equivalent Schematic
Control Voltages
State
RFc - RF1
RFc - RF2
cNtL1
cNtL2
1
iL
isol
-10V
+30mA / 1.29V
2
isol
iL
+30mA / 1.29V
-10V


Similar Part No. - HMC975

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC970 HITTITE-HMC970 Datasheet
447Kb / 6P
   2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
   PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
logo
Analog Devices
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
logo
Hittite Microwave Corpo...
HMC973LP3 HITTITE-HMC973LP3 Datasheet
790Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
More results

Similar Description - HMC975

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC970 HITTITE-HMC970 Datasheet
447Kb / 6P
   2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
   PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
logo
Alpha Industries
AP640R6-00 ALPHA-AP640R6-00 Datasheet
71Kb / 2P
   24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
   GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
   DC-6 GHz High Isolation SPDT GaAs MMIC Switch
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
   DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
logo
Stanford Microdevices
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com