Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCBAV100 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBAV100
Description  500 mW LL-34 Hermetically Sealed Glass ??High Voltage Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBAV100 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBAV100_11 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBAV100_11 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBAV100_11 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Number: DB-060
Jan.2011 / D
Page 1
S EM IC OND U C TOR
TAK CHEONG
®
500 mW LL-34 Hermetically
Sealed Glass – High Voltage
Switching Diodes
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
250
V
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
200
°C
IF (AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Current
Pulse Width = 1.0 Second
Pulse Width = 1.0 µsecond
1.0
4.0
A
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
350
°C/W
Specification Features:
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable
RoHS Compliant
Matte Tin (Sn) Lead Finish
Color band Indicates Negative Polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
TCBAV100
TCBAV101
TCBAV102
TCBAV103
IR=100µA
60
120
200
250
---
---
---
---
Volts
Volts
Volts
Volts
IR
Reverse Leakage Current
TCBAV100
TCBAV101
TCBAV102
TCBAV103
VR=50V
VR=100V
VR=150V
VR=200V
---
---
---
---
100
100
100
100
nA
nA
nA
nA
VF
Forward Voltage
IF=100mA
---
1.0
Volts
TRR
Reverse Recovery Time
IF=IR=30mA,
RL=100
IRR=3mA
---
50
nS
C
Capacitance
VR=0V, f=1MHZ
---
5.0
pF
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
Cathode Band Color : Black
SURFACE MOUNT
LL34


Similar Part No. - TCBAV100_11

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBAV100 TAK_CHEONG-TCBAV100 Datasheet
113Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass - High Voltage Switching Diodes
More results

Similar Description - TCBAV100_11

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBAV100 TAK_CHEONG-TCBAV100 Datasheet
113Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TCLL4148 ETC-TCLL4148 Datasheet
267Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLL4151 TAK_CHEONG-TCLL4151 Datasheet
75Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148 Datasheet
133Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4151 TAK_CHEONG-TCLL4151_11 Datasheet
309Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
LL4448 YEASHIN-LL4448 Datasheet
801Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com